Electronic Components Datasheet Search
  English  ▼

X  

APX9322 Datasheet(PDF) 13 Page - Anpec Electronics Coropration

Part # APX9322
Description  Three-Phase Full-wave Sine-wave Brushless Motor Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APX9322 Datasheet(HTML) 13 Page - Anpec Electronics Coropration

Back Button APX9322 Datasheet HTML 9Page - Anpec Electronics Coropration APX9322 Datasheet HTML 10Page - Anpec Electronics Coropration APX9322 Datasheet HTML 11Page - Anpec Electronics Coropration APX9322 Datasheet HTML 12Page - Anpec Electronics Coropration APX9322 Datasheet HTML 13Page - Anpec Electronics Coropration APX9322 Datasheet HTML 14Page - Anpec Electronics Coropration APX9322 Datasheet HTML 15Page - Anpec Electronics Coropration APX9322 Datasheet HTML 16Page - Anpec Electronics Coropration APX9322 Datasheet HTML 17Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Feb., 2016
www.anpec.com.tw
13
APX9322
Function Descriptions (Cont.)
Sine Wave Modulation
Figure
7: Sine Wave Modulation PWM Output
This is a soft switch PWM output to make the phase current smoother, which can reduce the noise of motor in switch
interval. Using PWM duty control to simulate the idea sine wave output current.
Sinusoidal PWM Output
(U,V,W)
Sine Wave
Modulation
(internal signal)
Lock Protection and Auto Restart
The APX9322 provides the lockup protection and automatic restart functions for preventing the coil burnout while the
fan motor is locked. Connecting the capacitor from CT pin to SGND can determine the shut down time and restart
time.
Current Limit and Over Current Protection (OCP)
The APX9322 includes an internal current sense circuits for current limit and over-current protection (OCP). When the
total current of three phase over the current limit level, the high side driver will be turned off to stop supplying current
to the motor. If the total output current over the OCP current level, the OCP function will be enable to turn-off all of the
output driver to prevent output short through condition until pull low PWM pin or re-power on.
Thermal Protection
The APX9322 is designed with a thermal protection to protect the IC from the damage of over temperature. When
internal junction temperature reaches 165oC, the output devices will be switched off. When the IC
’s junction tempera-
ture cools by 30oC, the thermal sensor will turn the output devices on again resulting in a pulsed output during
continuous thermal overload.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com