Electronic Components Datasheet Search
  English  ▼

X  

APX9322 Datasheet(PDF) 14 Page - Anpec Electronics Coropration

Part # APX9322
Description  Three-Phase Full-wave Sine-wave Brushless Motor Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APX9322 Datasheet(HTML) 14 Page - Anpec Electronics Coropration

Back Button APX9322 Datasheet HTML 10Page - Anpec Electronics Coropration APX9322 Datasheet HTML 11Page - Anpec Electronics Coropration APX9322 Datasheet HTML 12Page - Anpec Electronics Coropration APX9322 Datasheet HTML 13Page - Anpec Electronics Coropration APX9322 Datasheet HTML 14Page - Anpec Electronics Coropration APX9322 Datasheet HTML 15Page - Anpec Electronics Coropration APX9322 Datasheet HTML 16Page - Anpec Electronics Coropration APX9322 Datasheet HTML 17Page - Anpec Electronics Coropration APX9322 Datasheet HTML 18Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Feb., 2016
www.anpec.com.tw
14
APX9322
Application Information
Input Protection Diode & Capacitor
The IC should be added a protection diode (D1) to prevent the damage from the power reverse connection.
However, the protection diode will cause a voltage drop on the supply voltage. The current rating of the diode must be
greater than the maximum output current. For the noise reduction purpose, a capacitor (C1) must connect between
VCC and GND. It is the suggestion that C1 should be placed as close as possible to the device VCC pin.
SC Capacitor
The SC pin capacitor is used to set the force start up timing (T
SC) for sine-wave start up. Adjust the SC capacitor can
set the start up timing for different motor or loading of fan motor. T
SC
would increase in proportion to the capacitor.
:
C
SC =1.0nF >>>> TSC =124ms
C
SC =2.2nF >>>> TSC =272ms
:
:
C
SC =5nF
>>>> T
SC =620ms
:
EX:
SS Capacitor
The SS capacitor is used to set the output duty change rate for soft start. The time (T
SS) is define the time of output
duty from 0% to 100%. T
SS
would increase in proportion to the capacitor.
:
C
SS =1.0nF >>>> TSS =3.72s
C
SS =2.2nF >>>> TSS =8.18s
:
:
C
SS =5nF
>>>> T
SC =18.6s
:
EX:
CT Capacitor
The capacitor that is connected from CT pin to GND determines the shutdown time and restart time.
Locked Detection Time =
Restart Time=
Shutdown Time=
(
)
I
V
C
CT1
CTH
CT
0.2V
−
×
(
)
I
V
V
C
CT1
CTL
CTH
CT
−
×
(
)
I
V
V
C
CT2
CTL
CTH
CT
−
×



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com