Electronic Components Datasheet Search
  English  ▼

X  

RFPA5562 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFPA5562
Description  Wi-Fi Integrated PA Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA5562 Datasheet(HTML) 2 Page - RF Micro Devices

  RFPA5562 Datasheet HTML 1Page - RF Micro Devices RFPA5562 Datasheet HTML 2Page - RF Micro Devices RFPA5562 Datasheet HTML 3Page - RF Micro Devices RFPA5562 Datasheet HTML 4Page - RF Micro Devices RFPA5562 Datasheet HTML 5Page - RF Micro Devices RFPA5562 Datasheet HTML 6Page - RF Micro Devices RFPA5562 Datasheet HTML 7Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
RFPA5562
Wi-Fi Front End Module
4900MHz to 5925MHz
Revision DS20160218
2 of 7
Disclaimer: Subject to change without notice
© 2016 RF Micro Devices, Inc.
www.rfmd.com / www.qorvo.com
RFMD + TriQuint = Qorvo
Absolute Maximum Ratings
Note:
For R1 placement, refer to Evaluation Board Schematic
Exceeding any one or a combination of the Absolute Maximum Rating conditions may cause permanent damage
o the device. Extended application of Absolute Maximum Rating conditions to the device may reduce device
reliability. Specified typical performance or functional operation of the device under Absolute Maximum Rating
conditions is not implied. This is an InGaP device designed for high duty cycle applications with Tj>30 ºC over
ambient
Nominal Operating Parameters
PARAMETER
RATING
UNIT
DC Supply Voltage (No RF Applied)
-0.5 to +6
VDC
DC Supply Current
1000
mA
Operating Case Temperature
-40 to +85
ºC
Storage Temperature
-40 to +150
ºC
Maximum TX In
put Power into 50Ω Load for 11a/n/ac (No
Damage)
. *R1=0Ω
+10
dBm
Maximum TX In
put Power into 50Ω, 10:1 Load for 11a/n/ac (No
Damage)
*R1=15Ω
+15
dBm
PARAMETER
MIN
TYP
MAX
UNIT
CONDITION
COMPLIANCE
802.11A, 802.11N, 802.11AC
Operating Frequency
5.180
5.925
GHz
Extended Operating Frequency
4.9
5.925
GHz
Power Supply VCC
4.75
5
5.25
V
PA Enable Voltage-High
1.7
3
3.3
V
PA_EN
PA Enable Voltage-Low
0
0.5
V
PA_EN
TRANSMIT PERFORMANCE
VCC=3.3V, T=+25ºC, VPAEN=3V, PA_EN=High;
Unless otherwise noted
11ac VHT160 Output Power
22
dBm
MCS9
Dynamic EVM
1.4
1.8
%
-37
-35
dB
11ac VHT80 Output Power
22
23
dBm
MCS9
Dynamic EVM
1.4
1.8
%
-37
-35
dB
11n HT20/40 Output Power
23.5
25
dBm
MCS7
Dynamic EVM
2.5
3.2
%
-32
-30
dB
Margin to 802.11ac 160MHz
Spectral Mask
5
0
dBc
POUT = +23dBm, MCS0



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com