Electronic Components Datasheet Search
  English  ▼

X  

RFPA5562 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RFPA5562
Description  Wi-Fi Integrated PA Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA5562 Datasheet(HTML) 3 Page - RF Micro Devices

  RFPA5562 Datasheet HTML 1Page - RF Micro Devices RFPA5562 Datasheet HTML 2Page - RF Micro Devices RFPA5562 Datasheet HTML 3Page - RF Micro Devices RFPA5562 Datasheet HTML 4Page - RF Micro Devices RFPA5562 Datasheet HTML 5Page - RF Micro Devices RFPA5562 Datasheet HTML 6Page - RF Micro Devices RFPA5562 Datasheet HTML 7Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
RFPA5562
Wi-Fi Front End Module
4900MHz to 5925MHz
Revision DS20160218
3 of 7
Disclaimer: Subject to change without notice
© 2016 RF Micro Devices, Inc.
www.rfmd.com / www.qorvo.com
RFMD + TriQuint = Qorvo
Margin to 802.11ac 80MHz
Spectral Mask
5
0
dBc
POUT = +25dBm, MCS0
Margin to 802.11n 20MHz
Spectral Mask
5
0
dBc
POUT = +27dBm, MCS0
Gain
31
33
dB
Gain Variation
-2.5
+2.5
dB
T = -40 to +85ºC
Out of Band Gain
-15
-5
dB
f = 3300-3800MHz
12
dB
f > 7000MHz
Quiescent Current
150
165
mA
RF=Off
Operating Current
295
335
mA
POUT = +23dBm
415
475
mA
POUT = +27dBm
PA Enable Control Current
1
5
μA
RFIN Port Return Loss
12
dB
RFOUT Port Return Loss
9
dB
2nd Harmonics
-40
-35
dBm/MHz
POUT = +27dBm 802.11a 6MBps
3rd Harmonics
-40
-35
dBm/MHz
POUT = +27dBm 802.11a 6MBps
Power Detector Voltage
0.25
mV
RF Off
0.28
mV
POUT = 0dBm
0.88
mV
POUT = +27dBm
Power Detector Slope
22
mV/dB
GENERAL SPECIFICATIONS
Leakage Current
0.2
10
μA
RF Off; VPAEN=0V
Stability
Output VSWR
6:1
CW signal. No spurious above -41.25dBm/MHz for
non-harmonic related signals.
Output Power Range
0
27
dBm
Output P1dB
33
dBm
Ramp ON/OFF Time
200
nS
10%<->90%; Referencing from control voltage to
RF power
Thermal Resistance
27
ºC/W



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com