Electronic Components Datasheet Search
  English  ▼

X  

MSA24 Datasheet(PDF) 30 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MSA24
Description  Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MSA24 Datasheet(HTML) 30 Page - National Semiconductor (TI)

Back Button MSA24 Datasheet HTML 26Page - National Semiconductor (TI) MSA24 Datasheet HTML 27Page - National Semiconductor (TI) MSA24 Datasheet HTML 28Page - National Semiconductor (TI) MSA24 Datasheet HTML 29Page - National Semiconductor (TI) MSA24 Datasheet HTML 30Page - National Semiconductor (TI) MSA24 Datasheet HTML 31Page - National Semiconductor (TI) MSA24 Datasheet HTML 32Page - National Semiconductor (TI) MSA24 Datasheet HTML 33Page - National Semiconductor (TI) MSA24 Datasheet HTML 34Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 41 page
background image
Application Hints (Continued)
CH0, CH2, CH4, and CH6 can be assigned to the MUX-
OUT1 pin in the differential configuration, while CH1, CH3,
CH5, and CH7 can be assigned to the MUXOUT2 pin. In the
differential configuration, the analog inputs are paired as
follows: CH0 with CH1, CH2 with CH3, CH4 with CH5 and
CH6 with CH7. The A/DIN1 and A/DIN2 pins can be as-
signed positive or negative polarity.
With the single-ended multiplexer configuration CH0 through
CH7 can be assigned to the MUXOUT1 pin. The COM pin is
always assigned to the MUXOUT2 pin. A/DIN1 is assigned
as the positve input; A/DIN2 is assigned as the negative
input. (See Figure 10).
The Multiplexer assignment tables for the ADC12030,2,4,8
(Tables 2, 3, 4) summarize the aforementioned functions for
the different versions of A/Ds.
2.1 Biasing for Various Multiplexer Configurations
Figure 11 is an example of biasing the device for
single-ended operation. The sign bit is always low. The
digital output range is 0 0000 0000 0000 to 0 1111 1111 1111.
One LSB is equal to 1 mV (4.1V/4096 LSBs).
Differential
Configuration
Single-Ended
Configuration
01135440
A/DIN1 and A/DIN2 can be assigned as the + or − input
01135441
A/DIN1 is + input
A/DIN2 is − input
FIGURE 10.
01135446
FIGURE 11. Single-Ended Biasing
www.national.com
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com