Electronic Components Datasheet Search
  English  ▼

X  

MSA24 Datasheet(PDF) 36 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MSA24
Description  Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MSA24 Datasheet(HTML) 36 Page - National Semiconductor (TI)

Back Button MSA24 Datasheet HTML 32Page - National Semiconductor (TI) MSA24 Datasheet HTML 33Page - National Semiconductor (TI) MSA24 Datasheet HTML 34Page - National Semiconductor (TI) MSA24 Datasheet HTML 35Page - National Semiconductor (TI) MSA24 Datasheet HTML 36Page - National Semiconductor (TI) MSA24 Datasheet HTML 37Page - National Semiconductor (TI) MSA24 Datasheet HTML 38Page - National Semiconductor (TI) MSA24 Datasheet HTML 39Page - National Semiconductor (TI) MSA24 Datasheet HTML 40Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 41 page
background image
Application Hints (Continued)
are shown in the table of Electrical Characteristics, and
spectral plots of S/(N + D) are included in the typical perfor-
mance curves.
The A/D converter’s noise and distortion levels will change
with the frequency of the input signal, with more distortion
and noise occurring at higher signal frequencies. This can be
seen in the S/(N + D) versus frequency curves.
Effective number of bits can also be useful in describing the
A/D’s noise performance. An ideal A/D converter will have
some amount of quantization noise, determined by its reso-
lution, which will yield an optimum S/N ratio given by the
following equation:
S/N = (6.02xn+ 1.76) dB
where n is the A/D’s resolution in bits.
S/(N + D) (or SINAD) is a combination of S/N (or SNR) and
distortion and is considered to be an overall measure of an
A/D converter performance. S/(N + D) is defined as:
and the effective number of Bits (ENOB) is defined as:
As an example, this device with a differential signed 5V,
1 kHz sine wave input signal will typically have a S/(N + D) of
77 dB, which is equivalent to 12.5 effective bits.
15.0 AN RS232 SERIAL INTERFACE
Shown on the following page is a schematic for an RS232
interface to any IBM and compatible PCs. The DTR, RTS,
and CTS RS232 signal lines are buffered via level transla-
tors and connected to the ADC12038’s DI, SCLK, and DO
pins, respectively. The D flip flop drives the CS control line.
01135444
Note: VA
+,V
D
+, and V
REF
+ on the ADC12038 each have 0.01 µF and 0.1 µF chip caps, and 10 µF tantalum caps. All logic devices are bypassed with 0.1 µF
caps.
The assignment of the RS232 port is shown below
B7
B6
B5
B4
B3
B2
B1
B0
COM1 Input Address
3FE
X
X
X
CTS
X
X
X
X
Output Address
3FC
X
X
X
0
X
X
RTS
DTR
A sample program, written in Microsoft QuickBasic, is shown
on the next page. The program prompts for data mode select
instruction to be sent to the A/D. This can be found from the
Mode Programming table shown earlier. The data should be
entered in “1”s and “0”s as shown in the table with DI0 first.
Next the program prompts for the number of SCLKs required
for the programmed mode select instruction. For instance, to
send all “0”s to the A/D, selects CH0 as the +input, CH1 as
the −input, 12-bit conversion, and 13-bit MSB first data
output format (if the sign bit was not turned off by a previous
instruction). This would require 13 SCLK periods since the
output data format is 13 bits. The part powers up with No
Auto Cal, No Auto Zero, 10 CCLK Acquisition Time, 12-bit
conversion, data out with sign, power up, 12- or 13-bit MSB
first, and user mode. Auto Cal, Auto Zero, Power Up and
www.national.com
36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com