Electronic Components Datasheet Search
  English  ▼

X  

AD7175-2 Datasheet(PDF) 49 Page - Analog Devices

Part # AD7175-2
Description  24-Bit, 250 kSPS, Sigma-Delta ADC with 20 us Settling and True Rail-to-Rail Buffers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7175-2 Datasheet(HTML) 49 Page - Analog Devices

Back Button AD7175-2 Datasheet HTML 45Page - Analog Devices AD7175-2 Datasheet HTML 46Page - Analog Devices AD7175-2 Datasheet HTML 47Page - Analog Devices AD7175-2 Datasheet HTML 48Page - Analog Devices AD7175-2 Datasheet HTML 49Page - Analog Devices AD7175-2 Datasheet HTML 50Page - Analog Devices AD7175-2 Datasheet HTML 51Page - Analog Devices AD7175-2 Datasheet HTML 52Page - Analog Devices AD7175-2 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 63 page
background image
Data Sheet
AD7175-2
Rev. A | Page 49 of 63
Product
Overview
Online
Documentation
Design
Resources
Discussion
Sample
& Buy
DATA_STAT
The contents of the status register can be appended to each con-
version on the AD7175-2. This function is useful if several
channels are enabled. Each time a conversion is output, the
contents of the status register are appended. The two LSBs of
the status register indicate to which channel the conversion
corresponds. In addition, the user can determine if any errors
are being flagged by the error bits.
IOSTRENGTH
The serial interface can operate with a power supply as low as
2 V. However, at this low voltage, the DOUT/RDY pin may not
have sufficient drive strength if there is moderate parasitic
capacitance on the board or the SCLK frequency is high. The
IOSTRENGTH bit in the interface mode register increases the
drive strength of the DOUT/RDY pin.
INTERNAL TEMPERATURE SENSOR
The AD7175-2 has an integrated temperature sensor. The
temperature sensor can be used as a guide for the ambient
temperature at which the part is operating. This can be used for
diagnostic purposes or as an indicator of when the application
circuit needs to re-run a calibration routine to take into account
a shift in operating temperature. The temperature sensor is
selected using the crosspoint multiplexer and is selected the
same as an analog input channel. The temperature sensor
requires that the analog input buffers be enabled on both analog
inputs. If the buffers are not enabled then selecting the
temperature sensor as an input forces the buffers to be enabled
during the conversion.
To use the temperature sensor, the first step is to calibrate the
device in a known temperature (25°C) and take a conversion as
a reference point. The temperature sensor has a nominal
sensitivity of 477 µV/K; the difference in this ideal slope and the
slope measured can be used to calibrate the temperature sensor.
The temperature sensor is specified with a ±2°C typical
accuracy after calibration at 25°C. The temperature can be
calculated as follows:
15
.
273
–
μV
477
)
(
=
°
Result
Conversion
C
e
Temperatur



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com