Electronic Components Datasheet Search
  English  ▼

X  

AD7770ACPZ Datasheet(PDF) 39 Page - Analog Devices

Part # AD7770ACPZ
Description  8-Channel, 24-Bit, Simultaneous Sampling ADC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7770ACPZ Datasheet(HTML) 39 Page - Analog Devices

Back Button AD7770ACPZ Datasheet HTML 35Page - Analog Devices AD7770ACPZ Datasheet HTML 36Page - Analog Devices AD7770ACPZ Datasheet HTML 37Page - Analog Devices AD7770ACPZ Datasheet HTML 38Page - Analog Devices AD7770ACPZ Datasheet HTML 39Page - Analog Devices AD7770ACPZ Datasheet HTML 40Page - Analog Devices AD7770ACPZ Datasheet HTML 41Page - Analog Devices AD7770ACPZ Datasheet HTML 42Page - Analog Devices AD7770ACPZ Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 94 page
background image
Data Sheet
AD7770
Rev. A | Page 39 of 94
ADC
DATA
SERIAL
INTERFACE
SPI
CONTROL
INTERFACE
FPGA
OR
DSP
AVDD 3.3V
AVSSx
AVSSx
AIN7+
AIN7–
AIN0+
AIN0–
PGA
VCM
AVDD1x
BUFFER
FULL BUFFER
BUFFER
AD7770
DREGCAP
CONVST_SAR
GPIO2
TO
GPIO0
REFx+
REFx–
REF_OUT AVDD4
AVSSx
AVDD2x
AVDD 3.3V
IOVDD 1.8V TO 3.6V
AVSSx
AREGxCAP
AVSSx
AVSSx
IOVDD
AUXAIN+
AUXAIN–
24-BIT
Σ-Δ
ADC
12-BIT
SAR ADC
MUX
DIAGNOSTIC
INPUTS
SINC3/SRC
SYNC_IN
DRDY
SYNC_OUT
START
RESET
DCLK
CS
SCLK
SDO
SDI
CLK_SEL
FORMAT0
XTAL2
FORMAT1
IOVDD
IOVDD
XTAL1
DOUT0
DOUT1
SPI/SPORT
SLAVE
INTERFACE
DOUT2
DOUT3
SPI
MASTER
INTERFACE
PGA
VCM
CLOCK
SOURCE
Figure 98. SPI Control Mode Connection Diagram with Internal Reference
SPI CONTROL
The second option for control and monitoring the AD7770 is via
the SPI. This option allows access to the full functionality on the
AD7770, including access to the SAR converter, phase
synchronization, offset and gain adjustment, diagnostics and
the SRC. To use the SPI control, set the FORMAT0 and
FORMAT1 pins to logic high.
In this mode, the SPI can also read the Σ-Δ conversation data by
setting the SPI_SLAVE_MODE_EN bit.
The typical connection diagram for SPI control mode is shown
in Figure 98.
Functionality Available in SPI Mode
SPI control of the AD7770 offers the super set of the functions
and diagnostics. The SPI Control Functionality section describes
the functionality and diagnostics offered when in SPI control mode.
Offset and Gain Correction
Offset and gain registers are available for system calibration.
The gain register is preprogrammed during final production for
a PGA gain of 1, but can be overwritten with a new value if
required.
The gain register is 24 bits long and is split across three registers,
CHx_GAIN_UPPER_BYTE, CHx_GAIN_MID_BYTE, and
CHx_GAIN_LOWER_BYTE, which set the gain on a per
channel basis. The gain value is relative to 0x555555, which
represents a gain of 1.
The offset register is 24 bits long and is spread across three byte
registers, CHx_OFFSET_UPPER_BYTE, CHx_OFFSET_MID_
BYTE, and CHx_OFFSET_LOWER_BYTE. The default value is
0x000000 at power-up. Program the offset as a twos complement,
signed 24-bit number. If the channel gain is set to its nominal
value of 0x555555, an LSB of offset register adjustment changes
the digital output by −4/3 LSBs.
As an example of calibration, the offset measured is −200 LSB
(with both AINx± pins connected to the same potential).
An offset adjustment of −150 LSB changes the digital output by
−150 × (−4/3) = 200 LSBs (gain value = 0x555555), representing
this number as two complement, 0xFFFFFF − 0x96 + 1 =
0xFFFF70. Program the offset register as follows:
•
CHx_OFFSET_UPPER_BYTE = 0xFF
•
CHx_OFFSET_MID_BYTE = 0xFF
•
CHx_OFFSET_LOWER_BYTE = 0x70
Note that the offset compensation is performed before the gain
compensation. The gain is programmed during final testing for
PGAGAIN = 1. The gain register values can be overwritten; however,
after a reset or power cycle, the gain register values revert to the
hard coded programmed factory setting.
If the gain required is 0.75 of the nominal value (0x555555), the
value that must be programmed is
0x555555 × 0.75 = 0x400000
Then, an LSB of the offset register adjustment changes the
digital output by −4/3 × 0.75 = 1 LSB. Program the gain register
as follows:
•
CHx_GAIN_UPPER_BYTE = 0x40
•
CHx_GAIN_MID_BYTE = 0x00
•
CHx_GAIN_LOWER_BYTE = 0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com