Electronic Components Datasheet Search
  English  ▼

X  

AD7770ACPZ Datasheet(PDF) 13 Page - Analog Devices

Part # AD7770ACPZ
Description  8-Channel, 24-Bit, Simultaneous Sampling ADC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7770ACPZ Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7770ACPZ Datasheet HTML 9Page - Analog Devices AD7770ACPZ Datasheet HTML 10Page - Analog Devices AD7770ACPZ Datasheet HTML 11Page - Analog Devices AD7770ACPZ Datasheet HTML 12Page - Analog Devices AD7770ACPZ Datasheet HTML 13Page - Analog Devices AD7770ACPZ Datasheet HTML 14Page - Analog Devices AD7770ACPZ Datasheet HTML 15Page - Analog Devices AD7770ACPZ Datasheet HTML 16Page - Analog Devices AD7770ACPZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 94 page
background image
Data Sheet
AD7770
Rev. A | Page 13 of 94
ABSOLUTE MAXIMUM RATINGS
Table 7.
Parameter
Rating
Any Supply Pin to AVSSx
−0.3 V to +3.96 V
AVSSx to DGND
−1.98 V to +0.3 V
AREGxCAP to AVSSx
−0.3 V to +1.98 V
DREGCAP to DGND
−0.3 V to +1.98 V
IOVDD to DGND
−0.3 V to +3.96 V
IOVDD to AVSSx
−0.3 V to +5.94 V
AVDD4 to AVSSx
AVDD1x − 0.3 V to 3.96 V
Analog Input Voltage
AVSSx − 0.3 V to AVDD1x + 0.3 V or
3.96 V (whichever is less)
REFx± Input Voltage
AVSSx − 0.3 V to AVDD1x + 0.3 V or
3.96 V (whichever is less)
AUXAIN±
AVSSx − 0.3 V to AVDD4 + 0.1 V or
3.96 V (whichever is less)
Digital Input Voltage to
DGND
DGND − 0.3 V to IOVDD + 0.3 V or
3.96 V (whichever is less)
Digital Output Voltage to
DGND
DGND − 0.3 V to IOVDD + 0.3 V or
3.96 V (whichever is less)
XTAL1 to DGND
DGND − 0.3 V to DREGCAP + 0.3 V
or 1.98 V (whichever is less)
AINx±, AUXAIN±, and
Digital Input Current
±10 mA
Operating Temperature
Range
−40°C to +125°C
Junction Temperature,
TJ Maximum
150°C
Storage Temperature Range
−65°C to +150°C
Reflow Soldering
260°C
ESD
2 kV
Field Induced Charged
Device Model (FICDM)
500 V
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Close attention to
PCB thermal design is required.
Table 8. Thermal Resistance
Package Type1
θJA
θJB
ΨJT
ΨJB
Unit
64-Lead LFCSP
No Thermal Vias
30.43
N/A2
0.13
6.59
°C/W
49 Thermal Vias
22.62
3.17
0.09
3.19
°C/W
1
Thermal impedance simulated values are based on a JEDEC 2S2P thermal
test board. See JEDEC JESD51.
2
N/A means not applicable.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com