Electronic Components Datasheet Search
  English  ▼

X  

AD9262 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9262
Description  16-Bit, 2.5 MHz/5 MHz/10 MHz, 30 MSPS to 160 MSPS Dual Continuous Time Sigma-Delta ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9262 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9262 Datasheet HTML 6Page - Analog Devices AD9262 Datasheet HTML 7Page - Analog Devices AD9262 Datasheet HTML 8Page - Analog Devices AD9262 Datasheet HTML 9Page - Analog Devices AD9262 Datasheet HTML 10Page - Analog Devices AD9262 Datasheet HTML 11Page - Analog Devices AD9262 Datasheet HTML 12Page - Analog Devices AD9262 Datasheet HTML 13Page - Analog Devices AD9262 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
AD9262
Rev. A | Page 10 of 32
TYPICAL PERFORMANCE CHARACTERISTICS
All power supplies set to 1.8 V, 640 MHz sample rate, 2 V p-p differential input, 0.5 V internal reference, PLL disabled, AIN = −2.0 dBFS,
TA = 25°C, output data rate 40 MSPS, unless otherwise noted.
AD9262BCPZ
–160
–140
–120
–100
–80
–60
–40
–20
0
0
2
4
6
8
10
121416
1820
FREQUENCY (MHz)
BANDWIDTH: 2.5MHz
DATA RATE: 40MSPS
fIN: 600kHz AT –2dBFS
SNR: 87.9dB
SFDR: 88.2dBc
Figure 4. AD9262BCPZ Single-Tone FFT with fIN = 600 kHz
–160
–140
–120
–100
–80
–60
–40
–20
0
0
2
4
6
8
10
121416
1820
FREQUENCY (MHz)
BANDWIDTH: 2.5MHz
DATA RATE: 40MSPS
fIN: 1.2MHz AT –2dBFS
SNR: 87.7dB
SFDR: 87.1dBc
Figure 5. AD9262BCPZ Single-Tone FFT with fIN = 1.2 MHz
–160
–140
–120
–100
–80
–60
–40
–20
0
0
2
4
6
8
10
12
1416
1820
FREQUENCY (MHz)
BANDWIDTH: 2.5MHz
DATA RATE: 40MSPS
fIN: 2.4MHz AT –2dBFS
SNR: 87.8dB
SFDR: 106.6dBc
Figure 6. AD9262BCPZ Single-Tone FFT with fIN = 2.4 MHz
0
20
40
60
80
100
120
–100 –90
–80
–70
–60
–50
–40
–30
–20
–10
0
INPUT AMPLITUDE (dBFS)
SFDR (dBFS)
SNR (dBFS)
SFDR (dBc)
SNR (dB)
Figure 7. AD9262BCPZ Single-Tone SNR and SFDR vs. Input Amplitude
with fIN = 600 kHz
–160
–140
–120
–100
–80
–60
–40
–20
0
0
2
4
6
8
10
121416
18
20
FREQUENCY (MHz)
BANDWIDTH: 2.5MHz
DATA RATE: 40MSPS
fIN1: 1.8MHz AT –8dBFS
fIN2: 2.1MHz AT –8dBFS
SFDR: –91.7dBc
Figure 8. AD9262BCPZ Two-Tone FFT with fIN1 = 1.8 MHz, fIN2 = 2.1 MHz
–120
–100
–80
–60
–40
–20
0
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
INPUT AMPLITUDE (dBFS)
SFDR (dBc)
SFDR (dBFS)
Figure 9. AD9262BCPZ Two-Tone SFDR/IMD3 vs. Input Amplitude
with fIN1 = 1.8 MHz, fIN2 = 2.1 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com