Electronic Components Datasheet Search
  English  ▼

X  

AD9262 Datasheet(PDF) 25 Page - Analog Devices

Part # AD9262
Description  16-Bit, 2.5 MHz/5 MHz/10 MHz, 30 MSPS to 160 MSPS Dual Continuous Time Sigma-Delta ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9262 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9262 Datasheet HTML 21Page - Analog Devices AD9262 Datasheet HTML 22Page - Analog Devices AD9262 Datasheet HTML 23Page - Analog Devices AD9262 Datasheet HTML 24Page - Analog Devices AD9262 Datasheet HTML 25Page - Analog Devices AD9262 Datasheet HTML 26Page - Analog Devices AD9262 Datasheet HTML 27Page - Analog Devices AD9262 Datasheet HTML 28Page - Analog Devices AD9262 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
AD9262
Rev. A | Page 25 of 32
Table 20 shows the corresponding threshold level in dBFS vs.
register setting. If the input signal crosses this level, the ORx pin
is set. In the case where 0x111[5:0] is set to all 0s, the threshold
level is set to the maximum code of 32,76710. This feature pro-
vides a means of reporting the instantaneous amplitude as it
crosses a user-provided threshold. This gives the user a sense
of the signal level without needing to perform a full power
measurement.
The user has the ability to select how the overrange conditions
are reported, and this is controlled through Register 0x111 via
AUTORST, OR_IND, and ORTHRESH (see Table 21). By
enabling the AUTORST bit, Register 0x111[7], if an overrange
occurs, the ADC automatically resets itself. The ORx pins remain
high until the automatic reset has completed. If an analog trip
occurs, the modulator resets itself after 16 consecutive clock
cycles of overrange.
If the AD9262 is used in a system that incorporates automatic
gain control (AGC), the ORx signal can be used to indicate that
the signal amplitude should be reduced. This may be particularly
effective for use in maximizing the signal dynamic range if the
signal includes high occurrence components that occasionally
exceed full scale by a small amount.
TIMING
The AD9262 provides a data clock out (DCO) pin to assist in
capturing the data in an external register. The data outputs are
valid on the rising edge of DCO, unless changed by setting
Serial Register 0x16[7] (see the Serial Port Interface (SPI)
section). See Figure 2 for a graphical timing description.
Table 20. OR Threshold Levels
0x111[5:0]
Threshold (dBFS)
0x111[5:0]
Threshold (dBFS)
0x111[5:0]
Threshold (dBFS)
1
−36.12
16
−9.28
2B
−3.45
2
−30.10
17
−8.89
2C
−3.25
3
−26.58
18
−8.52
2D
−3.06
4
−24.08
19
−8.16
2E
−2.87
5
−22.14
1A
−7.82
2F
−2.68
6
−20.56
1B
−7.50
30
−2.50
7
−19.22
1C
−7.18
31
−2.32
8
−18.06
1D
−6.88
32
−2.14
9
−17.04
1E
−6.58
33
−1.97
A
−16.12
1F
−6.30
34
−1.80
B
−15.29
20
−6.02
35
−1.64
C
−14.54
21
−5.75
36
−1.48
D
−13.84
22
−5.49
37
−1.32
E
−13.20
23
−5.24
38
−1.16
F
−12.60
24
−5.00
39
−1.00
10
−12.04
25
−4.76
3A
−0.86
11
−11.51
26
−4.53
3B
−0.71
12
−11.02
27
−4.30
3C
−0.56
13
−10.56
28
−4.08
3D
−0.42
14
−10.10
29
−3.87
3E
−0.28
15
−9.68
2A
−3.66
3F
−0.14
Table 21. ORx Conditions
ORx Conditions
AUTORST
OR_IND
ORTHRESH[5:0]
ORTHRESH[4:0]
Description
Normal, Reset Off
0
0
0
00000
Digital trip: if 16-bit output > 32,767, ORx = 1, else ORx = 0
Digital Threshold,
Reset Off
0
0
>0
Digital threshold: if 16-bit output > ORTHRESH, ORx = 1,
else ORx = 0
Full Overrange,
Reset Off
0
1
0
X
If analog trip or digital trip, ORx = 1, else ORx = 0
Data Valid, No Reset
0
1
1
X
If analog trip or digital trip or calibration, ORx = 0, else ORx = 1
Normal, Reset On
1
0
0
00000
Digital trip: if 16-bit output > 32,767, ORx = 1, else ORx = 0
Digital Threshold,
Reset On
1
0
>0
Digital threshold: if 16-bit output > ORTHRESH, ORx = 1,
else ORx = 0
Full Overrange,
Reset On
1
1
0
X
If analog trip or digital trip ORx = 1 else ORx = 0
Data Valid,
Reset On
1
1
1
X
If analog trip or digital trip or calibration, ORx = 0 else ORx = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com