Electronic Components Datasheet Search
  English  ▼

X  

AD9635 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9635
Description  Dual, 12-Bit, 80 MSPS/125 MSPS, Serial LVDS 1.8 V Analog-to-Digital Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9635 Datasheet(HTML) 3 Page - Analog Devices

  AD9635 Datasheet HTML 1Page - Analog Devices AD9635 Datasheet HTML 2Page - Analog Devices AD9635 Datasheet HTML 3Page - Analog Devices AD9635 Datasheet HTML 4Page - Analog Devices AD9635 Datasheet HTML 5Page - Analog Devices AD9635 Datasheet HTML 6Page - Analog Devices AD9635 Datasheet HTML 7Page - Analog Devices AD9635 Datasheet HTML 8Page - Analog Devices AD9635 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
Data Sheet
AD9635
Rev. B | Page 3 of 36
SPECIFICATIONS
DC SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, 2 V p-p differential input, 1.0 V internal reference, AIN = −1.0 dBFS, unless otherwise noted.
Table 1.
Parameter1
Temp
AD9635-80
AD9635-125
Min
Typ
Max
Min
Typ
Max
Unit
RESOLUTION
12
12
Bits
ACCURACY
No Missing Codes
Full
Guaranteed
Guaranteed
Offset Error
Full
−0.6
−0.3
+0.1
−0.6
−0.3
+0.2
% FSR
Offset Matching
Full
−0.2
+0.1
+0.4
−0.2
+0.1
+0.4
% FSR
Gain Error
Full
−4.0
−0.8
+2.1
−4.7
−0.4
+4.8
% FSR
Gain Matching
Full
0.5
2.4
0.6
2.9
% FSR
Differential Nonlinearity (DNL)
Full
−0.2
+0.4
−0.3
+0.6
LSB
25°C
−0.1 to +0.2
−0.1 to +0.2
LSB
Integral Nonlinearity (INL)
Full
−0.7
+0.7
−1.1
+1.1
LSB
25°C
±0.3
±0.4
LSB
TEMPERATURE DRIFT
Offset Error
Full
2.9
3.7
ppm/°C
INTERNAL VOLTAGE REFERENCE
Output Voltage (1 V Mode)
Full
0.98
1.0
1.02
0.98
1.0
1.02
V
Load Regulation at 1.0 mA (VREF = 1 V)
25°C
2
2
mV
Input Resistance
25°C
7.5
7.5
kΩ
INPUT-REFERRED NOISE
VREF = 1.0 V
25°C
0.41
0.42
LSB rms
ANALOG INPUTS
Differential Input Voltage (VREF = 1 V)
Full
2
2
V p-p
Common-Mode Voltage
Full
0.9
0.9
V
Common-Mode Range
25°C
0.5
1.3
0.5
1.3
V
Differential Input Resistance
25°C
5.2
5.2
kΩ
Differential Input Capacitance
25°C
3.5
3.5
pF
POWER SUPPLY
AVDD
Full
1.7
1.8
1.9
1.7
1.8
1.9
V
DRVDD
Full
1.7
1.8
1.9
1.7
1.8
1.9
V
IAVDD2
Full
57
61
75
81
mA
IDRVDD (ANSI-644 Mode)2
Full
45
47
52
55
mA
IDRVDD (Reduced Range Mode)2
25°C
36
43
mA
TOTAL POWER CONSUMPTION
DC Input
Full
174
186
215
232
mW
Sine Wave Input (Two Channels; Includes Output Drivers
in ANSI-644 Mode)
Full
184
194
229
245
mW
Sine Wave Input (Two Channels; Includes Output Drivers
in Reduced Range Mode)
25°C
167
212
mW
Power-Down
25°C
2
2
mW
Standby3
Full
91
99
114
124
mW
1
See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for definitions and for details on how these tests were completed.
2
Measured with a low input frequency, full-scale sine wave on both channels.
3
Can be controlled via the SPI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com