Electronic Components Datasheet Search
  English  ▼

X  

AD9262-5EBZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD9262-5EBZ
Description  16-Bit, 2.5 MHz/5 MHz/10 MHz, 30 MSPS to 160 MSPS Dual Continuous Time Sigma-Delta ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9262-5EBZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9262-5EBZ Datasheet HTML 3Page - Analog Devices AD9262-5EBZ Datasheet HTML 4Page - Analog Devices AD9262-5EBZ Datasheet HTML 5Page - Analog Devices AD9262-5EBZ Datasheet HTML 6Page - Analog Devices AD9262-5EBZ Datasheet HTML 7Page - Analog Devices AD9262-5EBZ Datasheet HTML 8Page - Analog Devices AD9262-5EBZ Datasheet HTML 9Page - Analog Devices AD9262-5EBZ Datasheet HTML 10Page - Analog Devices AD9262-5EBZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
AD9262
Rev. A | Page 7 of 32
SWITCHING SPECIFICATIONS
All power supplies set to 1.8 V, 640 MHz sample rate, 0.5 V internal reference, PLL disabled, 40 MSPS output data rate, AIN = −2.0 dBFS
unless otherwise noted.
Table 5.
Parameter1
Temp
Min
Typ
Max
Unit
CLOCK INPUT (USING CLOCK MULTIPLIER)
Conversion Rate
Full
30
160
MSPS
CLK± Period
Full
6.25
33
ns
CLK± Duty Cycle
Full
40
50
60
%
CLOCK INPUT (DIRECT CLOCKING)
Conversion Rate
Full
608
640
672
MSPS
CLK± Period
Full
1.49
1.5625
1.64
ns
CLK± Duty Cycle
Full
40
50
60
%
DATA OUTPUT PARAMETERS
Output Data Rate
Full
20
160
MSPS
DCO to Data Skew (tSKEW)2
Full
3
ns
Sample Latency3
Full
960
Cycles4
WAKE-UP TIME5
Power-Down Power
Full
3
μs
Standby Power
Full
9
μs
Sleep Power
Full
15
μs
OUT-OF-RANGE RECOVERY TIME3
Full
960
Cycles4
SERIAL PORT INTERFACE6
SCLK Period
Full
40
ns
SCLK Pulse Width High Time (tSHIGH)
Full
16
ns
SCLK Pulse Width Low Time (tSLOW)
Full
16
ns
SDIO to SCLK Setup Time (tSDS)
Full
5
ns
SDIO to SCLK Hold Time (tSDH)
Full
2
ns
CSB to SCLK Setup Time (tSS)
Full
5
ns
CSB to SCLK Hold Time (tSH)
Full
2
ns
1 See the AN-83 5 Application Note, Understanding High Speed ADC Testing and Evaluation, for a complete set of definitions.
2 Data skew is measured from DCO 50% transition to data (D0x to D15x) 50% transition, with 5 pF load.
3 Typical measured value for the AD9262BCPZ-10. For the AD9262BCPZ-5 and the AD9262BCPZ, typical values double and quadruple the number of cycles, respectively.
4 Cycles refers to modulator clock cycles.
5 Wake-up time is dependent on the value of the decoupling capacitor, value shown with 10uF capacitor on VREF and CFILT.
6 See Figure 60 and the Serial Port Interface (SPI) section.
Timing Diagram
DCO
D0x TO D15x
tSKEW
Figure 2. Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com