Electronic Components Datasheet Search
  English  ▼

X  

AD9262-5EBZ Datasheet(PDF) 19 Page - Analog Devices

Part # AD9262-5EBZ
Description  16-Bit, 2.5 MHz/5 MHz/10 MHz, 30 MSPS to 160 MSPS Dual Continuous Time Sigma-Delta ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9262-5EBZ Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9262-5EBZ Datasheet HTML 15Page - Analog Devices AD9262-5EBZ Datasheet HTML 16Page - Analog Devices AD9262-5EBZ Datasheet HTML 17Page - Analog Devices AD9262-5EBZ Datasheet HTML 18Page - Analog Devices AD9262-5EBZ Datasheet HTML 19Page - Analog Devices AD9262-5EBZ Datasheet HTML 20Page - Analog Devices AD9262-5EBZ Datasheet HTML 21Page - Analog Devices AD9262-5EBZ Datasheet HTML 22Page - Analog Devices AD9262-5EBZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
AD9262
Rev. A | Page 19 of 32
Internal PLL Clock Distribution
The alternative clocking option available on the AD9262 is to apply
a low frequency reference clock and use the on-chip clock multip-
lier to generate the high frequency fMOD rate. The internal clock
architecture is shown in Figure 53.
PHASE
DETECTOR
DIVIDER
PLL MULT
0x0A[5:0]
CLK+/CLK–
MODULATOR
CLOCK
640MSPS
PLLENABLE
0x09[2]
LOOP
FILTER
VCO
PLL
÷2
÷N
Figure 53. Internal Clock Architecture
The clock multiplication circuit operates such that the VCO
outputs a frequency, fVCO, equal to the reference clock input
multiplied by N.
fVCO = (CLK±) × (N)
where N is the PLL multiplication (PLLMULT) factor.
The Σ-Δ modulator clock frequency, fMOD, is equal to
fMOD = fVCO ÷ 2
The reference clock, CLK±, is limited to 30 MHz to 160 MHz
when configured to use the on-chip clock multiplier. Given the
input range of the reference clock and the available multiplication
factors, the fVCO is approximately 1280 MHz. This results in the
desired fMOD rate of 640 MHz with a 50% duty cycle.
Before the PLL enable register bit (PLLENABLE) is set, the PLL
multiplication factor should be programmed into Register
0x0A[5:0]. After setting the PLLENABLE bit, the PLL locks and
reports a locked state in Register 0x0A[7]. If the PLL multiplica-
tion factor is changed, the PLL enable bit should be reset and set
again. Some common clock multiplication factors are shown in
Table 11.
The recommended sequence for enabling and programming the
on-chip clock multiplier is shown in Table 9.
Table 9. Sequence for Enabling and Programming the PLL
Step
Procedure
1
Apply a reference clock to the CLK± pins.
2
Program the PLL multiplication factor in
Register 0x0A[5:0]. See Table 10.
3
Enable the PLL; Register 0x09 = 04 (decimal).
4
Enable PLL autoband select.
5
Initiate an SRC reset; Register 0x101[5:0] = 0.
6
Set SRC to desired value via Register 0x101[5:0].
PLL Autoband Select
The PLL VCO has a wide operating range that is covered by
overlapping frequency bands. For any desired VCO output
frequency, there are multiple valid PLL band select values. The
AD9262 possesses an automatic PLL band select feature on chip
that determines the optimal PLL band setting. This feature can
be enabled by writing to Register 0x0A[6]and is the recommended
configuration with the PLL clocking option. When the device is
taken out of sleep or standby mode, Register 0x0A[6] must be
toggled to reinitiate the autoband detect. See Table 9 for informa-
tion about enabling the autoband select along with configuring
the PLL.
Table 10. PLL Multiplication Factors
0x0A[5:0]
PLLMULT (N)
0x0A[5:0]
PLLMULT (N)
1
8
33
32
2
8
34
34
3
8
35
34
4
8
36
34
5
8
37
34
6
8
38
34
7
8
39
34
8
8
40
34
9
9
41
34
10
10
42
42
11
10
43
42
12
12
44
42
13
12
45
42
14
14
46
42
15
15
47
42
16
16
48
42
17
17
49
42
18
18
50
42
19
18
51
42
20
20
52
42
21
21
53
42
22
21
54
42
23
21
55
42
24
24
56
42
25
25
57
42
26
25
58
42
27
25
59
42
28
28
60
42
29
28
61
42
30
30
62
42
31
30
63
42
32
32
64
42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com