Electronic Components Datasheet Search
  English  ▼

X  

2SB1284 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2SB1284
Description  Collector-Emitter Sustaining Voltage-: VCEO(SUS)= -100V(Min.)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SB1284 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SB1284 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SB1284 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
Product Specification
isc website:www.iscsemi.cn
2
isc Silicon PNP Darlingtion Power Transistor
2SB1284
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCE(sat)
Collector-Emitter Saturation Voltage
IC= -5A; IB= -10mA
-1.5
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= -5A; IB= -10mA
-2.0
V
ICBO
Collector Cutoff Current
VCB= -100V; IE= 0
-100
μA
ICEO
Collector Cutoff Current
VCE= -100V; IB= 0
-100
μA
IEBO
Emitter Cutoff Current
VEB= -7V; IC= 0
-5
mA
hFE
DC Current Gain
IC= -5A; VCE= -3V
1500
15000
fT
Current-Gain—Bandwidth Product
IC= -1A; VCE= -10V
20
MHz
Switching times
ton
Turn-on Time
IC= -5A, IB1= -IB2= -10mA,
RL= 6Ω, VBB2= -4V
1.0
μs
tstg
Storage Time
4.0
μs
tf
Fall Time
2.0
μs



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com