Electronic Components Datasheet Search
  English  ▼

X  

ZXTP07012EFF Datasheet(PDF) 5 Page - Diodes Incorporated

Part # ZXTP07012EFF
Description  12V PNP LOW SATURATION TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTP07012EFF Datasheet(HTML) 5 Page - Diodes Incorporated

  ZXTP07012EFF Datasheet HTML 1Page - Diodes Incorporated ZXTP07012EFF Datasheet HTML 2Page - Diodes Incorporated ZXTP07012EFF Datasheet HTML 3Page - Diodes Incorporated ZXTP07012EFF Datasheet HTML 4Page - Diodes Incorporated ZXTP07012EFF Datasheet HTML 5Page - Diodes Incorporated ZXTP07012EFF Datasheet HTML 6Page - Diodes Incorporated ZXTP07012EFF Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
ZXTP07012EFF
Document number: DS33727 Rev. 3 - 2
5 of 7
www.diodes.com
January 2016
© Diodes Incorporated
ZXTP07012EFF
Typical Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
1m
10m
100m
1
10
1m
10m
100m
1
100m
1
0.0
0.5
1.0
1.5
1m
10m
100m
1
10
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
1m
10m
100m
1
10
0.2
0.4
0.6
0.8
1.0
1m
10m
100m
1
10
0.2
0.4
0.6
0.8
1.0
1.2
0
200
400
600
800
1000
1200
1400
I
C
/I
B
=100
V
CE(SAT)
v I
C
Tamb=25°C
I
C
/I
B
=50
I
C
/I
B
=200
I
C
/I
B
=10
- I
C
Collector Current (A)
100°C
V
BE(SAT)
v I
C
I
C
/I
B
=200
150°C
25°C
-55°C
- I
C
Collector Current (A)
150°C
h
FE
v I
C
V
CE
=2V
-55°C
25°C
100°C
- I
C
Collector Current (A)
150°C
25°C
V
CE(SAT)
v I
C
I
C
/I
B
=200
100°C
-55°C
- I
C
Collector Current (A)
150°C
V
BE(ON)
v I
C
V
CE
=2V
100°C
25°C
-55°C
- I
C
Collector Current (A)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com