Electronic Components Datasheet Search
  English  ▼

X  

LDC-240 Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # LDC-240
Description  250W Output Power
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

LDC-240 Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  LDC-240 Datasheet HTML 1Page - MicroPower Direct, LLC LDC-240 Datasheet HTML 2Page - MicroPower Direct, LLC LDC-240 Datasheet HTML 3Page - MicroPower Direct, LLC LDC-240 Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
292 Page Street Ste D Stoughton, MA 02072 • TEL: (781) 344-8226 • FAX: (781) 344-8481 • E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
Model
Number
Output
Output
Power
(W)
Efficiency
(%, Typ)
Current
Voltage
Range (VDC)
OVP Level
(VDC)
Max (mA)
Adj. Range (mA)
LDC-240-0700 x
700
420 - 700
200 - 400
430 - 460
250
94
LDC-240-1050 x
1,050
630 - 1,050
134 - 267
290 - 320
250
94
LDC-240-1400 x
1,400
840 - 1,400
100 - 200
220 - 240
250
93
LDC-240-4200 x
4,200
2,520 - 4,200
27 - 56
65 - 73
235
93
LDC-240-4900 x
4,900
2,940 - 4,900
24 - 49
56 - 64
240
93
LDC-240-5600 x
5,600
3,360 - 5,600
21 - 42
48 - 55
235
93
LDC-240-7000 x
7,000
4,200 - 7,000
18 - 35
40 - 45
245
93
Model Selection Guide
Notes:
1. Inrush current is given for a cold start
at 25°C.
2. Total Harmonic Distortion (THD) is
specified with an input of 230 VAC/50
Hz at full load.
3. Turn on delay is specified at full load.
4. Ripple & noise is measured at 20 MHz.
Connection to the unit is made with a 0.1 µF
ceramic capacitor and a 22 µF electrolytic
capacitor connected in parallel.
5. Life expectancy is calculated at 230 VAC,
full load and a case temp of +70°C.
6. If an overvoltage fault occurs,the protection
circuit will latch off the output. A power
reset is required to recover.
Derating Curve: Temperature
Efficiency vs Load: LDC-240-7000
Derating Curve: Input Voltage
PFC vs Load: LDC-240-7000
Model
Ingress Protection
Dimming Function
LDC-240-xxxx A
IP65
Adjust by internal, variable resistor
LDC-240-xxxx B
IP67
Adjust by external resistor, DC voltage level or PWM signal
Package Type



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com