Electronic Components Datasheet Search
  English  ▼

X  

LDC-240 Datasheet(PDF) 3 Page - MicroPower Direct, LLC

Part # LDC-240
Description  250W Output Power
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

LDC-240 Datasheet(HTML) 3 Page - MicroPower Direct, LLC

  LDC-240 Datasheet HTML 1Page - MicroPower Direct, LLC LDC-240 Datasheet HTML 2Page - MicroPower Direct, LLC LDC-240 Datasheet HTML 3Page - MicroPower Direct, LLC LDC-240 Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MicroPower Direct • 292 Page Street Ste D Stoughton, MA 02072 • TEL: (781) 344-8226 • FAX: (781) 344-8481 • E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
Dimming Mode: B Model
Functional Block Diagram
With the LDC-240 “B” model, the output current level can be adjusted (Dimmed) by three different methods; Resistive, Analog or
Digital. Adjustments are made using the +DIM and -DIM inputs.
Resistive: Connect a 0.1 to 10 k
resistor between the DIM+ (Blue) and DIM- (White) wires
Input Frequency
10 k
20 k
30 k
40 k
50 k
60 k
70 k
80 k
90 k
100 k
Open
Percentage of Rated Current
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
95~105%
Analog: Apply 1 VDC to 10 VDC level between the DIM+ (Blue) and DIM- (White) wires
Adjust Voltage
1 VDC
2 VDC
3 VDC
4 VDC
5 VDC
6 VDC
7 VDC
8 VDC
9 VDC
10 VDC
Open
Percentage of Rated Current
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
95~105%
Digital: Apply a PWM signal (100 Hz - 3 kHz) between the DIM+ (Blue) and DIM- (White) wires
Duty Cycle
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
Open
Percentage of Rated Current
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
95~105%
Notes:
1
. The -DIM (White) and -LED (Black) wires should not be connected.
2. The Dimming function will not turn the lighting fixture totally off. For more info on how to do this, please contact the factory



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com