Electronic Components Datasheet Search
  English  ▼

X  

ADSP-SC582 Datasheet(PDF) 8 Page - Analog Devices

Part # ADSP-SC582
Description  SHARC plus Dual Core DSP with ARM Cortex-A5
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC582 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADSP-SC582 Datasheet HTML 4Page - Analog Devices ADSP-SC582 Datasheet HTML 5Page - Analog Devices ADSP-SC582 Datasheet HTML 6Page - Analog Devices ADSP-SC582 Datasheet HTML 7Page - Analog Devices ADSP-SC582 Datasheet HTML 8Page - Analog Devices ADSP-SC582 Datasheet HTML 9Page - Analog Devices ADSP-SC582 Datasheet HTML 10Page - Analog Devices ADSP-SC582 Datasheet HTML 11Page - Analog Devices ADSP-SC582 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 168 page
background image
Rev. PrF
|
Page 8 of 168
|
February 2016
ADSP-SC582/583/584/587/589/ADSP-21583/584/587 Preliminary Technical Data
The memory map in Table 4 on Page 11 gives the L1 memory
address space.
In addition, there are multiple L1 memory blocks offering a
configurable mix of SRAM and cache.
L1 Master and Slave Ports
Each SHARC+ core has two master and two slave ports to/from
the system fabric. One master port fetches instructions; the sec-
ond master port drives data to the system world. Both slave
ports allow conflict free core/DMA streams to the individual
memory blocks. For slave port addresses, refer to the L1 mem-
ory address map.
L1 On-Chip Memory Bandwidth
The internal memory architecture allows programs to have four
accesses at the same time to any of the four blocks (assuming no
block conflicts). The total bandwidth is realized using the DMD
and PMD buses (2 × 64-bits, CCLK speed and 2 × 32-bit,
SYSCLK speed).
Instruction and Data Cache
The ADSP-SC58x/ADSP-2158x processors also include a tradi-
tional instruction cache (I-cache) and two data caches. (PM/DM
caches). Together, these caches support one instruction access
and two data accesses, over the DM and PM buses, per cycle.
The cache controllers automatically manage the configured part
of the L1 memory. The system can configure part of the L1
memory for automatic management by the cache controllers.
The sizes of these caches are independently configurable from
zero to a maximum of 128 kB each. The memory not managed
by the cache controllers is directly addressable by the proces-
sors. The controllers ensure the data coherence between the two
data caches. The caches provide user-controllable features such
as locking (full as well as partial), range-bound invalidation, and
flushing.
System Event Controller Input
The output of the SEC controller is forwarded to the core event
controller (CEC) to respond directly to all unmasked system
based interrupts. It also supports nesting including various SEC
interrupt channel arbitration options. For all SEC channels the
processor automatically stacks the arithmetic status (ASTATx,
and STATy) registers and mode (MODE1) registers in parallel
with the interrupt servicing.
Core Memory-Mapped Registers (CMMR)
The core memory mapped registers control L1 I/D cache, BTB,
L2 cache, parity error, system control, debug and monitor
functions.
SHARC+ CORE ARCHITECTURE
The ADSP-SC58x/ADSP-2158x processors are code compatible
at the assembly level with the ADSP-2148x, ADSP-2147x,
ADSP-2146x, ADSP-2137x, ADSP-2136x, ADSP-2126x,
ADSP-21160, and ADSP-21161, and with the first generation
ADSP-2106x SHARC processors. The ADSP-SC58x/ADSP-
2158x processors share architectural features with the
ADSP-2126x, ADSP-2136x, ADSP-2137x, ADSP-214xx and
ADSP-2116x SIMD SHARC processors, as shown in Figure 4
and detailed in the following sections.
SIMD Computational Engine
The SHARC+ core contains two computational processing ele-
ments that operate as a single-instruction, multiple-data
(SIMD) engine. The processing elements are referred to as PEx
and PEy and each contains an ALU, multiplier, shifter, and reg-
ister file. PEx is always active, and PEy is enabled by setting the
PEYEN mode bit in the MODE1 register. SIMD mode allows
the processors to execute the same instruction in both
Figure 5. ADSP-SC58x/ADSP-2158x Memory Map
0x FFFF FFFF
0x C000 0000
0x 8000 0000
0x 6000 0000
0x 5000 0000
0x 4C00 0000
0x 4800 0000
0x 4400 0000
0x 4000 0000
0x 3000 0000
0x 28FA 0000
0x 28A4 0000
0x 287A 0000
0x 2824 0000
0x 202B FFFF
0x 201B FFFF
0x 2028 0000
0x 2020 7FFF
0x 2020 0000
0x 2018 0000
0x 2010 7FFF
0x 2010 0000
0x 200B FFFF
0x 2008 0000
0x 2000 7FFF
DMC1 (1GB)
DMC0 (1GB)
SPI2 FLASH (512MB)
PCIe DATA (256MB)
SMC BANK 3 (64MB)
SMC BANK 2 (64MB)
SMC BANK 1 (64MB)
SMC BANK 0 (64MB)
SYSTEM MMR SPACE
RESERVED
SHARC2 LI MEMORY IN
MULTIPROCESSOR SPACE
RESERVED
SHARC1 LI MEMORY IN
MULTIPROCESSOR SPACE
RESERVED
L2 ROM 2 (2Mb)
RESERVED
L2 BOOT ROM 2 (0.25Mb)
(SHARC Cores)
RESERVED
L2 ROM 1 (2Mb)
RESERVED
RESERVED
L2 SRAM (2Mb)
RESERVED
L2 BOOT ROM 0 (0.25Mb)
(ARM CORE 0)
L2 BOOT ROM 1 (0.25Mb)
(SHARC Cores)
0x 2000 0000
0x 0039 FFFF
0x 0038 0000
0x 0031 FFFF
0x 0030 0000
0x 002E FFFF
0x 002C 0000
0x 0026 FFFF
0x 0024 0000
0x 0000 0000
RESERVED
L1 BLOCK 3 SRAM (1Mb)
RESERVED
RESERVED
RESERVED
L1 BLOCK 2 SRAM (1Mb)
L1 BLOCK 1 SRAM (1.5Mb)
L1 BLOCK 0 SRAM (1.5Mb)
RESERVED/CORE MMRs/
OTHER MEMORY ALIASES
RESERVED
ARM L2 CONFIG REGS (4KB)
RESERVED
ARM BOOT (32KB)
0x 2000 0000
0x 1000 1000
0x 1000 0000
0x 0000 7FFF
0x 0000 0000
UNIFIED
ADDRESS
SPACE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com