Electronic Components Datasheet Search
  English  ▼

X  

ADSP-SC582 Datasheet(PDF) 24 Page - Analog Devices

Part # ADSP-SC582
Description  SHARC plus Dual Core DSP with ARM Cortex-A5
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC582 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADSP-SC582 Datasheet HTML 20Page - Analog Devices ADSP-SC582 Datasheet HTML 21Page - Analog Devices ADSP-SC582 Datasheet HTML 22Page - Analog Devices ADSP-SC582 Datasheet HTML 23Page - Analog Devices ADSP-SC582 Datasheet HTML 24Page - Analog Devices ADSP-SC582 Datasheet HTML 25Page - Analog Devices ADSP-SC582 Datasheet HTML 26Page - Analog Devices ADSP-SC582 Datasheet HTML 27Page - Analog Devices ADSP-SC582 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 168 page
background image
Rev. PrF
|
Page 24 of 168
|
February 2016
ADSP-SC582/583/584/587/589/ADSP-21583/584/587 Preliminary Technical Data
EZ-KIT Lite system. It also supports in-circuit programming of
the on-board Flash device to store user-specific boot code,
enabling standalone operation. With the full version of
CrossCore Embedded Studio installed (sold separately), engi-
neers can develop software for supported EZ-KITs or any
custom system utilizing supported Analog Devices processors.
Software Add-Ins for CrossCore Embedded Studio
Analog Devices offers software add-ins which seamlessly inte-
grate with CrossCore Embedded Studio to extend its capabilities
and reduce development time. Add-ins include board support
packages for evaluation hardware, various middleware pack-
ages, and algorithmic modules. Documentation, help,
configuration dialogs, and coding examples present in these
add-ins are viewable through the CrossCore Embedded Studio
IDE once the add-in is installed.
Board Support Packages for Evaluation Hardware
Software support for the EZ-KIT Lite evaluation boards and EZ-
Extender daughter cards is provided by software add-ins called
Board Support Packages (BSPs). The BSPs contain the required
drivers, pertinent release notes, and select example code for the
given evaluation hardware. A download link for a specific BSP is
located on the web page for the associated EZ-KIT or EZ-
Extender product. The link is found in the Product Download
area of the product web page.
Middleware Packages
Analog Devices separately offers middleware add-ins such as
real time operating systems, file systems, USB stacks, and
TCP/IP stacks. For more information see the following web
pages:
• www.analog.com/ucos2
• www.analog.com/ucos3
• www.analog.com/ucfs
• www.analog.com/ucusbd
• www.analog.com/ucusbh
• www.analog.com/lwip
Algorithmic Modules
To speed development, Analog Devices offers add-ins that per-
form popular audio and video processing algorithms. These are
available for use with CrossCore Embedded Studio. For more
information visit www.analog.com and search on “Blackfin soft-
ware modules” or “SHARC software modules”.
Designing an Emulator-Compatible DSP Board (Target)
For embedded system test and debug, Analog Devices provides
a family of emulators. On each JTAG DSP, Analog Devices sup-
plies an IEEE 1149.1 JTAG Test Access Port (TAP). In-circuit
emulation is facilitated by use of this JTAG interface. The
emulator accesses the processor’s internal features via the pro-
cessor’s TAP, allowing the developer to load code, set
breakpoints, and view variables, memory, and registers. The
processor must be halted to send data and commands, but once
an operation is completed by the emulator, the DSP system is set
to run at full speed with no impact on system timing. The emu-
lators require the target board to include a header that supports
connection of the DSP’s JTAG port to the emulator.
For details on target board design issues including mechanical
layout, single processor connections, signal buffering, signal ter-
mination, and emulator pod logic, see “Analog Devices JTAG
Emulation Technical Reference” (EE-68). This document is
updated regularly to keep pace with improvements to emulator
support.
ADDITIONAL INFORMATION
This data sheet provides a general overview of the ADSP-
SC58x/ADSP-2158x architecture and functionality. For detailed
information on the core architecture and instruction set, refer to
the programming reference manual.
RELATED SIGNAL CHAINS
A signal chain is a series of signal-conditioning electronic com-
ponents that receive input (data acquired from sampling either
real-time phenomena or from stored data) in tandem, with the
output of one portion of the chain supplying input to the next.
Signal chains are often used in signal processing applications to
gather and process data or to apply system controls based on
analysis of real-time phenomena.
Analog Devices eases signal processing system development by
providing signal processing components that are designed to
work together well. A tool for viewing relationships between
specific applications and related components is available on the
www.analog.com website.
The application signal chains page in the Circuits from the Lab
®
site (http:\\www.analog.com\circuits) provides:
• Graphical circuit block diagram presentation of signal
chains for a variety of circuit types and applications
• Drill down links for components in each chain to selection
guides and application information
• Reference designs applying best practice design techniques
SECURITY FEATURES DISCLAIMER
To our knowledge, the Security Features, when used in accor-
dance with the data sheet and hardware reference manual
specifications, provide a secure method of implementing code
and data safeguards. However, Analog Devices does not guaran-
tee that this technology provides absolute security.
ACCORDINGLY, ANALOG DEVICES HEREBY DISCLAIMS
ANY AND ALL EXPRESS AND IMPLIED WARRANTIES
THAT THE SECURITY FEATURES CANNOT BE
BREACHED, COMPROMISED, OR OTHERWISE CIRCUM-
VENTED AND IN NO EVENT SHALL ANALOG DEVICES
BE LIABLE FOR ANY LOSS, DAMAGE, DESTRUCTION, OR
RELEASE OF DATA, INFORMATION, PHYSICAL PROP-
ERTY, OR INTELLECTUAL PROPERTY.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com