Electronic Components Datasheet Search
  English  ▼

X  

ADSP-SC584-ENG Datasheet(PDF) 16 Page - Analog Devices

Part # ADSP-SC584-ENG
Description  SHARC plus Dual Core DSP with ARM Cortex-A5
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC584-ENG Datasheet(HTML) 16 Page - Analog Devices

Back Button ADSP-SC584-ENG Datasheet HTML 12Page - Analog Devices ADSP-SC584-ENG Datasheet HTML 13Page - Analog Devices ADSP-SC584-ENG Datasheet HTML 14Page - Analog Devices ADSP-SC584-ENG Datasheet HTML 15Page - Analog Devices ADSP-SC584-ENG Datasheet HTML 16Page - Analog Devices ADSP-SC584-ENG Datasheet HTML 17Page - Analog Devices ADSP-SC584-ENG Datasheet HTML 18Page - Analog Devices ADSP-SC584-ENG Datasheet HTML 19Page - Analog Devices ADSP-SC584-ENG Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 168 page
background image
Rev. PrF
|
Page 16 of 168
|
February 2016
ADSP-SC582/583/584/587/589/ADSP-21583/584/587 Preliminary Technical Data
The S/PDIF receiver/transmitter has no separate DMA chan-
nels. It receives audio data in serial format and converts it into a
biphase encoded signal. The serial data input to the
receiver/transmitter can be formatted as left-justified, I2S or
right-justified with word widths of 16, 18, 20, or 24 bits. The
serial data, clock, and frame sync inputs to the S/PDIF
receiver/transmitter are routed through the signal routing unit
(SRU). They can come from a variety of sources, such as the
SPORTs, external pins, and the precision clock generators
(PCGs), and are controlled by the SRU control registers.
Precision Clock Generators (PCG)
The precision clock generators (PCG) consist of four units,
units A/B located in DAI0 and units C/D located into DAI1.
The PCG can generate a pair of signals (clock and frame sync)
derived from a clock input signal (CLKIN1-0, SCLK0, DAI pin
buffer). Each unit can also access the opposite DAI unit. All
units are identical in functionality and operate independently of
each other. The two signals generated by each unit are normally
used as a serial bit clock/frame sync pair.
Parallel Peripheral Interface (PPI)
The processors provide a parallel peripheral interface (PPI) that
supports data widths up to 24 bits. The PPI supports direct con-
nection to TFT LCD panels, parallel analog-to-digital and
digital-to-analog converters, video encoders and decoders,
image sensor modules and other general-purpose peripherals.
The following features are supported in the PPI module:
• Programmable data length: 8 bits, 10 bits, 12 bits, 14 bits,
16 bits, 18 bits and 24 bits per clock
• Various framed, non-framed, and general-purpose operat-
ing modes. Frame syncs can be generated internally or can
be supplied by an external device.
• ITU-656 status word error detection and correction for
ITU-656 receive modes and ITU-656 preamble and status
word decode
• Optional packing and unpacking of data to/from 32 bits
from/to 8 bits, 16 bits and 24 bits. If packing/unpacking is
enabled, endianness can be configured to change the order
of packing/unpacking of bytes/words.
• RGB888 can be converted to RGB666 or RGB565 for trans-
mit modes.
• Various de-interleaving/interleaving modes for receiv-
ing/transmitting 4:2:2 YCrCb data
• Configurable LCD data enable (DEN) output available on
Frame Sync 3
UART Ports
The processors provide three full-duplex universal asynchro-
nous receiver/transmitter (UART) ports, which are fully
compatible with PC-standard UARTs. Each UART port pro-
vides a simplified UART interface to other peripherals or hosts,
supporting full-duplex, DMA-supported, asynchronous
transfers of serial data. A UART port includes support for five to
eight data bits, and none, even, or odd parity. Optionally, an
additional address bit can be transferred to interrupt only
addressed nodes in multi-drop bus (MDB) systems. A frame is
terminated by a configurable number of stop bits.
The UART ports support automatic hardware flow control
through the clear-to-send (CTS) input and request-to-send
(RTS) output with programmable assertion FIFO levels.
To help support the Local Interconnect Network (LIN) proto-
cols, a special command causes the transmitter to queue a break
command of programmable bit length into the transmit buffer.
Similarly, the number of stop bits can be extended by a pro-
grammable inter-frame space.
Serial Peripheral Interface (SPI) Ports
The processors have three industry-standard SPI-compatible
ports that allow it to communicate with multiple SPI-compati-
ble devices.
The baseline SPI peripheral is a synchronous, four-wire inter-
face consisting of two data pins, one device select pin, and a
gated clock pin. The two data pins allow full-duplex operation
to other SPI-compatible devices. An additional two (optional)
data pins are provided to support quad SPI operation. Enhanced
modes of operation such as flow control, fast mode and dual-
I/O mode (DIOM) are also supported. In addition, a direct
memory access (DMA) mode allows for transferring several
words with minimal CPU interaction.
With a range of configurable options, the SPI ports provide a
glueless hardware interface with other SPI-compatible devices
in master mode, slave mode, and multimaster environments.
The SPI peripheral includes programmable baud rates, clock
phase, and clock polarity. The peripheral can operate in a multi-
master environment by interfacing with several other devices,
acting as either a master device or a slave device. In a multimas-
ter environment, the SPI peripheral uses open-drain outputs to
avoid data bus contention. The flow control features enable slow
slave devices to interface with fast master devices by providing
an SPI Ready pin which flexibly controls the transfers.
The SPI port’s baud rate and clock phase/polarities are pro-
grammable, and it has integrated DMA channels for both
transmit and receive data streams.
Link Ports (LP)
Two 8-bit wide link ports can connect to the link ports of other
DSPs or peripherals. Link ports are bidirectional ports having
eight data lines, an acknowledge line, and a clock line.
ADC Control Module (ACM) Interface
The ADC control module (ACM) provides an interface that
synchronizes the controls between the processors and an ana-
log-to-digital converter (ADC). The analog-to-digital
conversions are initiated by the processors, based on external or
internal events.
The ACM allows for flexible scheduling of sampling instants
and provides precise sampling signals to the ADC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com