Electronic Components Datasheet Search
  English  ▼

X  

ADSP-SC584-ENG Datasheet(PDF) 27 Page - Analog Devices

Part # ADSP-SC584-ENG
Description  SHARC plus Dual Core DSP with ARM Cortex-A5
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC584-ENG Datasheet(HTML) 27 Page - Analog Devices

Back Button ADSP-SC584-ENG Datasheet HTML 23Page - Analog Devices ADSP-SC584-ENG Datasheet HTML 24Page - Analog Devices ADSP-SC584-ENG Datasheet HTML 25Page - Analog Devices ADSP-SC584-ENG Datasheet HTML 26Page - Analog Devices ADSP-SC584-ENG Datasheet HTML 27Page - Analog Devices ADSP-SC584-ENG Datasheet HTML 28Page - Analog Devices ADSP-SC584-ENG Datasheet HTML 29Page - Analog Devices ADSP-SC584-ENG Datasheet HTML 30Page - Analog Devices ADSP-SC584-ENG Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 168 page
background image
Preliminary Technical Data
Rev. PrF
|
Page 27 of 168
|
February 2016
ADSP-SC582/583/584/587/589/ADSP-21583/584/587
MLB_DATP
InOut
Differential Data (+)
MLB_SIGN
InOut
Differential Signal (–)
MLB_SIGP
InOut
Differential Signal (+)
MLB_CLK
Input
Single-Ended Clock
MLB_DAT
InOut
Single-Ended Data
MLB_SIG
InOut
Single-Ended Signal
MLB_CLKOUT
Output
Single-Ended Clock Out
MSI_CD
Input
Card Detect. Connects to a pull-up resistor and to the card detect output of an SD socket.
MSI_CLK
Output
Clock. The clock signal applied to the connected device from the MSI.
MSI_CMD
InOut
Command. Used to send commands to and receive responses from the connected device.
MSI_D[n]
InOut
Data n. Bidirectional data bus.
MSI_INT
Input
eSDIO Interrupt Input. Used only for eSDIO. Connects to an eSDIO card's interrupt output. An
interrupt may be sampled even when the MSI clock to the card is switched off.
PCIE_CLKM
InOut
CLK –
PCIE_CLKP
InOut
CLK +
PCIE_REF
InOut
Reference
PCIE_RXM
InOut
RX –
PCIE_RXP
InOut
RX +
PCIE_TXM
InOut
TX –
PCIE_TXP
InOut
TX +
PPI_CLK
InOut
Clock. Input in external clock mode, output in internal clock mode.
PPI_D[nn]
InOut
Data n. Bidirectional data bus.
PPI_FS1
InOut
Frame Sync 1 (HSYNC). Behavior depends on EPPI mode. See the EPPI HRM chapter for more details.
PPI_FS2
InOut
Frame Sync 2 (VSYNC). Behavior depends on EPPI mode. See the EPPI HRM chapter for more details.
PPI_FS3
InOut
Frame Sync 3 (FIELD). Behavior depends on EPPI mode. See the EPPI HRM chapter for more details.
PWM_AH
Output
Channel A High Side. High side drive signal
PWM_AL
Output
Channel A Low Side. Low side drive signal
PWM_BH
Output
Channel B High Side. High side drive signal
PWM_BL
Output
Channel B Low Side. Low side drive signal
PWM_CH
Output
Channel C High Side. High side drive signal
PWM_CL
Output
Channel C Low Side. Low side drive signal
PWM_DH
Output
Channel D High Side. High side drive signal
PWM_DL
Output
Channel D Low Side. Low side drive signal
PWM_SYNC
Input
PWMTMR Grouped. This input is for an externally generated sync signal. If the sync signal is internally
generated no connection is necessary.
PWM_TRIP[n]
Input
Shutdown Input n. When asserted the selected PWM channel outputs are shut down immediately.
P_[nn]
InOut
Position n. General purpose input/output. See the GP Ports chapter of the HRM for programming
information.
RTC_CLKIN
Input
Crystal input / external oscillator connection. Connect to an external clock source or crystal.
RTC_XTAL
Output
Crystal output. Drives an external crystal. Must be left unconnected if an external clock is driving
RTC_CLKIN.
SINC_CLK0
InOut
Clock 0
SINC_CLK1
InOut
Clock 1
SINC_D0
InOut
Data 0
SINC_D1
InOut
Data 1
SINC_D2
InOut
Data 2
SINC_D3
InOut
Data 3
Table 11. ADSP-SC58x/ADSP-2158x Detailed Signal Descriptions (Continued)
Signal Name
Direction
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com