Electronic Components Datasheet Search
  English  ▼

X  

CLC011 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC011
Description  Serial Digital Video Decoder
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC011 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  CLC011 Datasheet HTML 1Page - National Semiconductor (TI) CLC011 Datasheet HTML 2Page - National Semiconductor (TI) CLC011 Datasheet HTML 3Page - National Semiconductor (TI) CLC011 Datasheet HTML 4Page - National Semiconductor (TI) CLC011 Datasheet HTML 5Page - National Semiconductor (TI) CLC011 Datasheet HTML 6Page - National Semiconductor (TI) CLC011 Datasheet HTML 7Page - National Semiconductor (TI) CLC011 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Overview
The CLC011, Serial Digital Video Decoder, decodes and de-
scrambles SMPTE 259M standard Serial Digital Video
datastreams into 10-bit parallel words and a corresponding
word-rate clock. The following information describes:
•
the CLC011 operation,
•
recommended interface circuitry, and
•
PCB layout suggestions.
Applications assistance for the CLC011 may be obtained by
calling the Interface Applications Hotline, (408) 721-8500.
Input Interfacing — Signal Inputs
The serial data and clock inputs of the CLC011 are both dif-
ferential. Their input voltage ranges from 2.5V above the
negative supply (V
EE +2.5V) to the positive supply voltage
(V
CC). Supply voltages for the CLC011 may be either +5V or
–5.2V for ECL compatibility and interfacing. When operated
from the negative supply, inputs accept standard ECL signal
levels. The minimum differential input swing is 200 mV. The
CLC011 interfaces with the CLC016 Data Retiming PLL as
shown in
Figure 2. A simplified schematic of the CLC011’s
signal inputs appears in
Figure 3.
Input Interfacing — Control Inputs
Three TTL-compatible inputs control operation of the
CLC011: NRZI, DESC and FE. A typical interface circuit for
the control inputs is shown in
Figure 4.
NRZI: NRZI, when a logic high, enables NRZI to NRZ con-
version. For standard SMPTE 259M operation, NRZI is high.
DESC
(Descramble): The
bits
of
a
SMPTE
259M
datastream are scrambled upon encoding according to a
polynomial equation. DESC, when a logic high, enables de-
scrambling of the encoded signal. For standard SMPTE
259M operation, DESC is high.
FE (Framing Enable): SMPTE 259M datastreams include a
four-word-long reserved sequence known as the Timing Ref-
erence Signal (TRS). Using this sequence, the CLC011 de-
termines the position of word boundaries, also known as
framing, of the incoming data.
The FE input, when a logic high and following recognition of
a TRS, causes the CLC011 to automatically adjust its fram-
ing. The word boundary is aligned at the appropriate bit po-
sition and the parallel output clock is aligned with the appro-
priate cycle of the serial clock. When FE is held low and a
TRS, out of phase with the current PCLK, is received, output
NSP will go high. However, the phase of PCLK will not be ad-
justed. NSP will remain high until a TRS, in-phase with the
current PCLK, is received.
DS100086-4
FIGURE 2. Interface with CLC016
DS100086-5
FIGURE 3. Simplified Input Buffer Schematic
DS100086-6
FIGURE 4. Typical Control Logic Connection
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com