Electronic Components Datasheet Search
  English  ▼

X  

CLC011 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC011
Description  Serial Digital Video Decoder
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC011 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CLC011 Datasheet HTML 1Page - National Semiconductor (TI) CLC011 Datasheet HTML 2Page - National Semiconductor (TI) CLC011 Datasheet HTML 3Page - National Semiconductor (TI) CLC011 Datasheet HTML 4Page - National Semiconductor (TI) CLC011 Datasheet HTML 5Page - National Semiconductor (TI) CLC011 Datasheet HTML 6Page - National Semiconductor (TI) CLC011 Datasheet HTML 7Page - National Semiconductor (TI) CLC011 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
CLC011
Serial Digital Video Decoder
General Description
National’s Comlinear CLC011, Serial Digital Video Decoder,
decodes and descrambles SMPTE 259M standard Serial
Digital Video datastreams with serial clock into 10-bit parallel
words and a corresponding word-rate clock. SMPTE 259M
standard parallel data is encoded and scrambled using a
9-bit shift register and is also converted from NRZ to NRZI.
The CLC011 restores the original parallel data by reversing
the encoding process. The CLC011 also extracts timing in-
formation embedded in the SDV data. These reserved code
words, known as Timing Reference Signals (TRS), indicate
the start and end of each active video line. By decoding the
TRS, the CLC011 correctly identifies the word boundaries of
the encoded input data. Detection of the TRS reserved
codes is indicated by low-true signals at the TRS and End of
Active Video (EAV) outputs.
The CLC011’s design using current-mode logic (CML) re-
duces noise injection into the power supply thereby easing
board layout and interfacing. The CMOS compatible outputs,
which feature controlled rise and fall times, may be set for ei-
ther 3.3V or 5V swings with the VDP and VCP inputs.
The CLC011 Serial Digital Video Decoder, CLC014 Adaptive
Cable Equalizer and the CLC016 Data Retiming PLL com-
bine to provide a complete Serial Digital Video receiver sys-
tem.
The CLC011 is packaged in a 28-pin PLCC.
Features
n Data decoding and deserializing
n CLC011B operates to 360Mbps
n CLC011A operates to 300Mbps
n Low noise injection to power supplies
n Single +5V or −5.2V supply operation
n Output levels programmable for interface to 5V or 3.3V
logic
n Low power
n Low cost
Block Diagram
DS100086-1
January 1999
© 1999 National Semiconductor Corporation
DS100086
www.national.com


Similar Part No. - CLC011

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC011 NSC-CLC011 Datasheet
376Kb / 8P
Serial Digital Video Decoder
CLC011 NSC-CLC011_02 Datasheet
376Kb / 8P
Serial Digital Video Decoder
More results

Similar Description - CLC011

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7661B OKI-MSM7661B Datasheet
303Kb / 42P
NTSC/PAL Digital Video Decoder
logo
Gennum Corporation
GS9000C GENNUM-GS9000C Datasheet
106Kb / 8P
Serial Digital Decoder
logo
Asahi Kasei Microsystem...
AK8850 AKM-AK8850 Datasheet
1Mb / 99P
NTSC Digital Video Decoder
logo
OKI electronic componet...
MSM7662 OKI-MSM7662 Datasheet
472Kb / 62P
NTSC/PAL Digital Video Decoder
MSM7664 OKI-MSM7664 Datasheet
493Kb / 76P
NTSC/PAL Digital Video Decoder
logo
Asahi Kasei Microsystem...
AK8855 AKM-AK8855 Datasheet
1Mb / 81P
NTSC/PAL Digital Video Decoder
logo
National Semiconductor ...
CLC011 NSC-CLC011_02 Datasheet
376Kb / 8P
Serial Digital Video Decoder
logo
Asahi Kasei Microsystem...
AK8854VQ AKM-AK8854VQ Datasheet
1Mb / 95P
Multi-Format Digital Video Decoder
AK8857VQ AKM-AK8857VQ Datasheet
1Mb / 105P
Dual Channel Digital Video Decoder
AK8856 AKM-AK8856 Datasheet
2Mb / 105P
NTSC/PAL Digital Video Decoder
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com