Electronic Components Datasheet Search
  English  ▼

X  

MCT271 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # MCT271
Description  Optocoupler, Phototransistor Output, With Base Connection
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MCT271 Datasheet(HTML) 5 Page - Vishay Siliconix

  MCT271 Datasheet HTML 1Page - Vishay Siliconix MCT271 Datasheet HTML 2Page - Vishay Siliconix MCT271 Datasheet HTML 3Page - Vishay Siliconix MCT271 Datasheet HTML 4Page - Vishay Siliconix MCT271 Datasheet HTML 5Page - Vishay Siliconix MCT271 Datasheet HTML 6Page - Vishay Siliconix MCT271 Datasheet HTML 7Page - Vishay Siliconix MCT271 Datasheet HTML 8Page - Vishay Siliconix MCT271 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
VISHAY
MCT270/ 1/ 2/ 3/ 4/ 5/ 6/ 7
Document Number 83724
Rev. 1.4, 19-Apr-04
Vishay Semiconductors
www.vishay.com
5
Fig. 5 Normalized Non-saturated and saturated CTR vs. LED
Current
Fig. 6 Collector-Emitter Current vs. Temperature and LED
Current
Fig. 7 Collector-Emitter Leakage Current vs.Temp.
i4n25_05
100
10
1
.1
0.0
0.5
1.0
1.5
IF - LED Current - mA
Normalized to:
CTRce(sat) Vce = 0.4 V
Vce=10 V, IF=10 mA, TA=25°C
NCTR
NCTR(SAT)
TA=85°C
i4n25_06
60
50
40
30
20
10
0
0
5
10
15
20
25
30
35
50°C
70°C
85°C
IF - LED Current - mA
25°C
i4n25_07
100
80
60
40
20
0
–20
10
10
10
10
10
10
10
10
–2
–1
0
1
2
3
4
5
TA - Ambient Temperature - °C
Typical
Vce =10V
Fig. 8 Normalized CTRcb vs. LED Current and Temp.
Fig. 9 Normalized Photocurrent vs. IF and Temp.
Fig. 10 Normalized Non-saturated HFE vs. Base Current and
Temperature
i4n25_08
Normalized to:
0.0
0.5
1.0
1.5
25°C
50°C
70°C
IF - LED Current - mA
.1
1
10
100
Vcb=9.3 V, IF=10 mA, TA=25°C
i4n25_09
0.
Normalized to:
0.01
1
1
10
IF - LED Current - mA
.1
1
10
100
IF=10 mA, TA=25°C
Nib, TA=–20°C
Nib, TA= 25°C
Nib, TA= 50°C
Nib, TA= 70°C
i4n25_10
0.4
0.6
1.0
1.2
Normalized to:
Ib - Base Current -
µA
110
100
1000
Ib=20
µA, Vce=10 V, TA=25°C
25°C
70°C
–20°C
0.8



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com