Electronic Components Datasheet Search
  English  ▼

X  

MCT271 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MCT271
Description  Optocoupler, Phototransistor Output, With Base Connection
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MCT271 Datasheet(HTML) 4 Page - Vishay Siliconix

  MCT271 Datasheet HTML 1Page - Vishay Siliconix MCT271 Datasheet HTML 2Page - Vishay Siliconix MCT271 Datasheet HTML 3Page - Vishay Siliconix MCT271 Datasheet HTML 4Page - Vishay Siliconix MCT271 Datasheet HTML 5Page - Vishay Siliconix MCT271 Datasheet HTML 6Page - Vishay Siliconix MCT271 Datasheet HTML 7Page - Vishay Siliconix MCT271 Datasheet HTML 8Page - Vishay Siliconix MCT271 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.vishay.com
4
Document Number 83724
Rev. 1.4, 19-Apr-04
VISHAY
MCT270/ 1/ 2/ 3/ 4/ 5/ 6/ 7
Vishay Semiconductors
Switching Characteristics
Typical Characteristics (Tamb = 25 °C unless otherwise specified)
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
Switching time
IC = 2.0 mA, RL = 100 Ω, VCE = 5.0 V
MCT270
ton, toff
10
µs
MCT271
ton, toff
7.0
µs
MCT272
ton, toff
10
µs
MCT273
ton, toff
20
µs
MCT274
ton, toff
25
µs
MCT275
ton, toff
15
µs
MCT277
ton, toff
15
µs
MCT276
ton, toff
3.5
µs
Fig. 1 Forward Voltage vs. Forward Current
Fig. 2 Normalized Non-Saturated and Saturated CTR vs. LED
Current
i4n25_01
100
10
1
.1
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
IF - Forward Current - mA
TA =–55°C
TA =25°C
TA =85°C
i4n25_02
Normalized to:
0.0
0.5
1.0
1.5
0
1
10
100
IF - LED Current - mA
NCTR
NCTR(SAT)
CTRce(sat) Vce=0.4 V
Vce=10 V, IF=10 mA, TA=25°C
TA=25°C
Fig. 3 Normalized Non-saturated and Saturated CTR vs. LED
Current
Fig. 4 Normalized Non-saturated and saturated CTR vs. LED
Current
i4n25_03
100
10
1
.1
0.0
0.5
1.0
1.5
IF- LED Current - mA
Normalized to:
CTRce(sat) Vce=0.4 V
Vce=10 V, IF=10 mA, TA=25°C
NCTR
NCTR(SAT)
TA=50°C
i4n25_04
100
10
1
.1
0.0
0.5
1.0
1.5
IF - LED Current - mA
Normalized to:
CTRce(sat) Vce=0.4 V
Vce=10 V, IF=10 mA, TA=25°C
NCTR
NCTR(SAT)
TA=70°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com