Electronic Components Datasheet Search
  English  ▼

X  

S07D Datasheet(PDF) 1 Page - Vishay Siliconix

Part # S07D
Description  Small Surface Mount Diodes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

S07D Datasheet(HTML) 1 Page - Vishay Siliconix

  S07D Datasheet HTML 1Page - Vishay Siliconix S07D Datasheet HTML 2Page - Vishay Siliconix S07D Datasheet HTML 3Page - Vishay Siliconix S07D Datasheet HTML 4Page - Vishay Siliconix S07D Datasheet HTML 5Page - Vishay Siliconix S07D Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
VISHAY
S07B / 07D / 07G / 07J / 07M
Document Number 85733
Rev. 1.8, 24-Mar-04
Vishay Semiconductors
www.vishay.com
1
17249
Small Surface Mount Diodes
Features
• For surface mounted applications
• Low profile package
• Ideal for automated placement
• Glass passivated
• High temperature soldering:
260 °C/ 10 seconds at terminals
Mechanical Data
Case: JEDEC -DO219-AB (SMF®) Plastic case
Polarity: Band denotes cathode end
Weight: approx. 0.01 g
Packaging codes-options:
GS18 - 10 K per 13" reel (8 mm tape), 50 K/box
GS08 - 3 K per 7" reel (8 mm tape), 30 K/box
Parts Table
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
1) Averaged over any 20 ms period
Part
Marking
S07B
SB
S07D
SD
S07G
SG
S07J
SJ
S07M
SM
Parameter
Test condition
Part
Symbol
Value
Unit
Maximum repetitive peak reverse voltage
S07B
VRRM
100
V
S07D
VRRM
200
V
S07G
VRRM
400
V
S07J
VRRM
600
V
S07M
VRRM
1000
V
Maximum RMS voltage
S07B
VRMS
70
V
S07D
VRMS
140
V
S07G
VRMS
280
V
S07J
VRMS
420
V
S07M
VRMS
700
V
Maximum DC blocking voltage
S07B
VDC
100
V
S07D
VDC
200
V
S07G
VDC
400
V
S07J
VDC
600
V
S07M
VDC
1000
V
Maximum average forward rectified current
Ttp = 75 °C
1)
IF(AV)
1.5
A
TA = 65 °C
1)
IF(AV)
0.7
A
Peak forward surge current 8.3 ms single
half sine-wave
TL = 25 °C
IFSM
25
A


Similar Part No. - S07D

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
S07D BILIN-S07D Datasheet
122Kb / 3P
SURFACE MOUNT RECTIFIER
logo
Vishay Siliconix
S07D VISHAY-S07D Datasheet
121Kb / 7P
Small Signal Fast Switching Diode, High Voltage
13-Apr-05
S07D VISHAY-S07D Datasheet
120Kb / 7P
Small Signal Fast Switching Diode, High Voltage
13-Apr-05
S07D VISHAY-S07D Datasheet
80Kb / 6P
Small Signal Switching Diode, High Voltage
20-Aug-10
logo
Shenzhen Luguang Electr...
S07D LUGUANG-S07D Datasheet
208Kb / 3P
Surface Mount Rectifiers
More results

Similar Description - S07D

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
MCL4148 DIOTEC-MCL4148 Datasheet
48Kb / 2P
Surface mount Small Signal Diodes
1N4148W DIOTEC-1N4148W Datasheet
104Kb / 2P
Surface mount Small Signal Diodes
1N4148WS DIOTEC-1N4148WS Datasheet
98Kb / 2P
Surface mount Small Signal Diodes
BAV19WS DIOTEC-BAV19WS Datasheet
111Kb / 2P
Surface mount Small Signal Diodes
MCL4148 DIOTEC-MCL4148_07 Datasheet
100Kb / 2P
Surface Mount Small Signal Diodes
logo
Pan Jit International I...
ES1001FL PANJIT-ES1001FL Datasheet
119Kb / 3P
SMALL SURFACE MOUNT ULTRAFAST DIODES
US1001FL PANJIT-US1001FL_10 Datasheet
82Kb / 3P
SMALL SURFACE MOUNT FAST DIODES
logo
Diotec Semiconductor
1N4148W DIOTEC-1N4148W_09 Datasheet
107Kb / 2P
Surface Mount Small Signal Diodes
1N4148W DIOTEC-1N4148W_14 Datasheet
94Kb / 2P
Surface Mount Small Signal Diodes
MCL103B DIOTEC-MCL103B_06 Datasheet
89Kb / 1P
Surface Mount Small Signal Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com