Electronic Components Datasheet Search
  English  ▼

X  

S07D Datasheet(PDF) 3 Page - Vishay Siliconix

Part # S07D
Description  Small Surface Mount Diodes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

S07D Datasheet(HTML) 3 Page - Vishay Siliconix

  S07D Datasheet HTML 1Page - Vishay Siliconix S07D Datasheet HTML 2Page - Vishay Siliconix S07D Datasheet HTML 3Page - Vishay Siliconix S07D Datasheet HTML 4Page - Vishay Siliconix S07D Datasheet HTML 5Page - Vishay Siliconix S07D Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
VISHAY
S07B / 07D / 07G / 07J / 07M
Document Number 85733
Rev. 1.8, 24-Mar-04
Vishay Semiconductors
www.vishay.com
3
Fig. 3 Typical Instantaneous Reverse Characteristics
Fig. 4 Capacitance vs. Reverse Voltage
Instantaneous Reverse Voltage (V)
0
100 200 300 400 500 600 700 800
900
0.01
0.1
10
1
100
TJ = 150°C
TJ = 125°C
TJ = 100°C
TJ =75°C
TJ =50°C
TJ =25°C
17377
VR (V)
0
5
10
15
20
25
30
35
40
10
9
8
7
6
5
4
3
2
1
0
17378



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com