Electronic Components Datasheet Search
  English  ▼

X  

SFH690AT Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SFH690AT
Description  Optocoupler, Phototransistor Output, SOP-4, Mini-Flat Package
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH690AT Datasheet(HTML) 2 Page - Vishay Siliconix

  SFH690AT Datasheet HTML 1Page - Vishay Siliconix SFH690AT Datasheet HTML 2Page - Vishay Siliconix SFH690AT Datasheet HTML 3Page - Vishay Siliconix SFH690AT Datasheet HTML 4Page - Vishay Siliconix SFH690AT Datasheet HTML 5Page - Vishay Siliconix SFH690AT Datasheet HTML 6Page - Vishay Siliconix SFH690AT Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.vishay.com
2
Document Number 83686
Rev. 1.5, 20-Apr-04
SFH690ABT/ AT/ BT/ CT
Vishay Semiconductors
Output
Coupler
Parameter
Test condition
Symbol
Value
Unit
Collector-emitter voltage
VCE
70
V
Emitter-collector voltage
VEC
7.0
V
Collector current
IC
50
mA
tp ≤ 1.0 ms
IC
100
mA
Power dissipation
Pdiss
150
mW
Parameter
Test condition
Symbol
Value
Unit
Isolation test voltage between
emitter and detector (1.0 s)
VISO
3750
VRMS
Creepage
≥ 5.33
mm
Clearance
≥ 5.08
mm
Insulation thickness between
emitter and detector
≥ 0.4
mm
Comparative tracking index per
DIN IEC 112/VDEO 0303, part 1
≥ 175
Isolation resistance
VIO = 500 V, Tamb = 25 °C
RIO
≥ 1012
Ω
VIO = 500 V, Tamb = 100 °C
RIO
≥ 1011
Ω
Storage temperature range
Tstg
- 55 to + 150
°C
Ambient temperature range
Tamb
- 55 to + 100
°C
Junction temperature
Tj
100
°C
Soldering temperature
max. 10 s Dip soldering distance
to seating plane
≥1.5 mm
Tsld
260
°C
Figure 1. Permissible Power Dissipation vs. Ambient Temperature
0
50
100
150
200
0
25
50
75
100
125
150
18484
Phototransistor
Diode
Tamb – Ambient Temperature ( C )



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com