Electronic Components Datasheet Search
  English  ▼

X  

SFH690AT Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SFH690AT
Description  Optocoupler, Phototransistor Output, SOP-4, Mini-Flat Package
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH690AT Datasheet(HTML) 3 Page - Vishay Siliconix

  SFH690AT Datasheet HTML 1Page - Vishay Siliconix SFH690AT Datasheet HTML 2Page - Vishay Siliconix SFH690AT Datasheet HTML 3Page - Vishay Siliconix SFH690AT Datasheet HTML 4Page - Vishay Siliconix SFH690AT Datasheet HTML 5Page - Vishay Siliconix SFH690AT Datasheet HTML 6Page - Vishay Siliconix SFH690AT Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SFH690ABT/ AT/ BT/ CT
Document Number 83686
Rev. 1.5, 20-Apr-04
Vishay Semiconductors
www.vishay.com
3
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluation. Typical values are for information only and are not part of the testing requirements.
Input
Output
Coupler
Current Transfer Ratio
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Forward voltage
IF = 5 mA
VF
1.15
1.4
V
Reverse current
VR = 6.0 V
IR
0.01
10
µA
Capacitance
VR = 0.0 V, f = 1.0 MHz
CO
14
pF
Thermal resistance
Rthja
750
K/W
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Collector-emitter leakage
current
VCE = 20 V
ICEO
100
nA
Collector-emitter capacitance
VCE = 5.0 V, f = 1.0 MHz
CCE
2.8
pF
Thermal resistance
Rthja
500
K/W
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Collector-emitter saturation
voltage
IF = 10 mA, IC = 2.0 mA
VCEsat
0.1
0.3
V
Coupling capacitance
f = 1.0 MHz
CC
0.3
pF
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
IC/IF
IF = 5.0 mA, VCE = 5.0 V SFH690AT
CTR
50
150
%
SFH690BT
CTR
100
300
%
SFH690CT
CTR
100
200
%
SFH690ABT
CTR
50
300
%



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com