Electronic Components Datasheet Search
  English  ▼

X  

LH0052C Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LH0052C
Description  Low Cost FET Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LH0052C Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LH0052C Datasheet HTML 1Page - National Semiconductor (TI) LH0052C Datasheet HTML 2Page - National Semiconductor (TI) LH0052C Datasheet HTML 3Page - National Semiconductor (TI) LH0052C Datasheet HTML 4Page - National Semiconductor (TI) LH0052C Datasheet HTML 5Page - National Semiconductor (TI) LH0052C Datasheet HTML 6Page - National Semiconductor (TI) LH0052C Datasheet HTML 7Page - National Semiconductor (TI) LH0052C Datasheet HTML 8Page - National Semiconductor (TI) LH0052C Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
DC Electrical Characteristics for LH0042LH0042C (Note 3)
Limits
Parameter
Conditions
LH0042
LH0042C
Units
Min
Typ
Max
Min
Typ
Max
Input Offset Voltage
RS s 100 kX
50
20
60
20
mV
Temperature Coefficient of
RS s 100 kX
10
15
m
V C
Input Offset Voltage
Offset Voltage Drift with Time
70
10
m
Vweek
Input Offset Current
TA e 25 C (Note 4)
10
50
20
10
pA
Input Bias Current
TA e 25 C (Note 4)
10
25
15
50
pA
Temperature Coefficient of
Doubles Every 10 C
Doubles Every 10 C
Input Bias Current
Differential Input Resistance
1012
1012
X
Common Mode Input Resistance
1012
1012
X
Input Capacitance
40
40
pF
Input Voltage Range
g
12
g
135
g
12
g
135
V
Common Mode Rejection Ratio
RS s 10 kX VIN e g10V
70
86
70
80
dB
Supply Voltage Rejection Ratio
RS s 10 kX g5V s VS s g15V
70
86
70
86
dB
Large Signal Voltage Gain
RS s 2kX VOUT e g10V
50
100
25
100
VmV
TA e 25 C
RS s 2kX VOUT e g10V
30
25
VmV
Output Voltage Swing
RL e 1kX TA e 25 C
g
10
g
125
g
10
g
12
V
RL e 2kX
g
10
g
10
V
Output Current Swing
VOUT e g10V
g
10
g
15
g
10
g
15
mA
Output Resistance
75
75
X
Output Short Circuit Current
20
20
mA
Supply Current
VS e g15V
25
35
28
40
mA
Power Consumption
VS e g15V
105
120
mW
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com