Electronic Components Datasheet Search
  English  ▼

X  

LH0052C Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LH0052C
Description  Low Cost FET Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LH0052C Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LH0052C Datasheet HTML 1Page - National Semiconductor (TI) LH0052C Datasheet HTML 2Page - National Semiconductor (TI) LH0052C Datasheet HTML 3Page - National Semiconductor (TI) LH0052C Datasheet HTML 4Page - National Semiconductor (TI) LH0052C Datasheet HTML 5Page - National Semiconductor (TI) LH0052C Datasheet HTML 6Page - National Semiconductor (TI) LH0052C Datasheet HTML 7Page - National Semiconductor (TI) LH0052C Datasheet HTML 8Page - National Semiconductor (TI) LH0052C Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TLK5557
February 1995
LH0042
Low Cost FET Op Amp
General Description
The LH0042 is a FET input operational amplifier with very
high input impedance and low input currents with no com-
promise in noise common mode rejection ratio open loop
gain or slew rate The LH0042 is internally compensated
and is free of latch-up
The LH0042 is specified for operation over the b55 Cto
a
125 C military temperature range The LH0042C is speci-
fied for operation over the b25 Cto a85 C temperature
range
The LH0042 op amp is intended to fulfill a wide variety of
applications for process control medical instrumentation
and other systems requiring very low input currents The
LH0042 provides low cost high performance for such appli-
cations as electrometer and photocell amplification pico-
ammeters and high input impedance buffers
Features
Y
High open loop gain100 dB typ
Y
Internal compensation
Y
Pin compatible with standard IC op amps
(TO-99 package)
Connection Diagram
Metal Can Package
TLK5557 – 3
Top View
Order Number LH0042H-MIL LH0042H or LH0042CH
See NS Package Number H08D
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - LH0052C

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LH0053 NSC-LH0053 Datasheet
184Kb / 6P
HIGH SPEED SAMPLE AND HOLD AMPLIFIER
LH0053C NSC-LH0053C Datasheet
184Kb / 6P
HIGH SPEED SAMPLE AND HOLD AMPLIFIER
LH0053CG NSC-LH0053CG Datasheet
184Kb / 6P
HIGH SPEED SAMPLE AND HOLD AMPLIFIER
LH0053G NSC-LH0053G Datasheet
184Kb / 6P
HIGH SPEED SAMPLE AND HOLD AMPLIFIER
More results

Similar Description - LH0052C

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD818 AD-AD818 Datasheet
353Kb / 12P
Low Cost, Low Power Video Op Amp
logo
Linear Technology
LT1097 LINER-LT1097 Datasheet
184Kb / 12P
Low Cost, Low Power Precision Op Amp
logo
Analog Devices
ADA4860-1 AD-ADA4860-1 Datasheet
760Kb / 20P
High Speed, Low Cost, Op Amp
4/06-Revision 0
AD818 AD-AD818_03 Datasheet
924Kb / 16P
Low Cost, Low Power Video Op Amp
REV. C
AD818 AD-AD818_10 Datasheet
563Kb / 15P
Low Cost, Low Power Video Op Amp
REV. D
AD818 AD-AD818_15 Datasheet
563Kb / 15P
Low Cost, Low Power Video Op Amp
REV. D
ADA4860-1 AD-ADA4860-1_15 Datasheet
888Kb / 21P
High Speed, Low Cost, Op Amp
REV. 0
ADA4862-3 AD-ADA4862-3_15 Datasheet
484Kb / 17P
Low Cost, Triple Op Amp
REV. A
logo
Linear Technology
LT1097 LINER-LT1097_15 Datasheet
199Kb / 12P
Low Cost, Low Power Precision Op Amp
logo
Analog Devices
ADA4860-1 AD-ADA4860-1_16 Datasheet
740Kb / 21P
High Speed, Low Cost, Op Amp
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com