Electronic Components Datasheet Search
  English  ▼

X  

LH0094CD Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LH0094CD
Description  Multifunction Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LH0094CD Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LH0094CD Datasheet HTML 1Page - National Semiconductor (TI) LH0094CD Datasheet HTML 2Page - National Semiconductor (TI) LH0094CD Datasheet HTML 3Page - National Semiconductor (TI) LH0094CD Datasheet HTML 4Page - National Semiconductor (TI) LH0094CD Datasheet HTML 5Page - National Semiconductor (TI) LH0094CD Datasheet HTML 6Page - National Semiconductor (TI) LH0094CD Datasheet HTML 7Page - National Semiconductor (TI) LH0094CD Datasheet HTML 8Page - National Semiconductor (TI) LH0094CD Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Applications Information (Continued)
3 DIVIDE
FIGURE 4a LH0094 Used to Divide (No External Adjustment)
FIGURE 4b Typical Performance
Divide Mode
Without External Adjustments
Trim Procedures
Apply 10V to VY 01V to VX and VZ
Adjust R3 until EOe10000V
Apply 10000V to all inputs
Adjust R2 until EOe10000V
Repeat procedure
FIGURE 5 Precision Divider (005% Typ)
4 SQUARE
EOeVy
VZV
X
J
2
FIGURE 6a Basic Connection of LH0094 (me2) without
External Adjustment Using Internal Resistors to Set m
FIGURE 6b Squaring Mode without
External Adjustment
TLH5695 – 6
5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com