Electronic Components Datasheet Search
  English  ▼

X  

LH0094CD Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LH0094CD
Description  Multifunction Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LH0094CD Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LH0094CD Datasheet HTML 1Page - National Semiconductor (TI) LH0094CD Datasheet HTML 2Page - National Semiconductor (TI) LH0094CD Datasheet HTML 3Page - National Semiconductor (TI) LH0094CD Datasheet HTML 4Page - National Semiconductor (TI) LH0094CD Datasheet HTML 5Page - National Semiconductor (TI) LH0094CD Datasheet HTML 6Page - National Semiconductor (TI) LH0094CD Datasheet HTML 7Page - National Semiconductor (TI) LH0094CD Datasheet HTML 8Page - National Semiconductor (TI) LH0094CD Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage
g
22V
Input Voltage
g
22V
Output Short-Circuit Duration
Continuous
Operating Temperature Range
LH0094CD
b
25 Cto a85 C
Storage Temperature Range
LH0094CD
b
55 Cto a125 C
Lead Temperature
(Soldering 10 seconds)
260 C
Electrical Characteristics
VS e g15V TA e 25 C unless otherwise specified Transfer function EO e VY
VZm
VX
01 s m s 10 OV s VX VY VZ s 10V
Parameter
Conditions
LH0094C
Units
Min
Typ
Max
ACCURACY
Multiply
EOeVZVY (003sVYs10V 001sVZs10V)
% FS
Untrimmed
(Figure 2)
045
09
(10V)
External Trim
(Figure 3)
01
% FS
vs Temperature
02
mV C
Divide
EOe10VZ VX
Untrimmed
(Figure 4) 05sVXs10 001sVZs10)
045
09
% FS
External Trim
(Figure 5) (01sVXs10 001sVZs10)
01
% FS
vs Temperature
02
mV C
Square Root
EOe10
0VZ 10
Untrimmed
(Figure 8) (003sVZs10
045
09
% FS
External Trim
(Figure 9) (001sVZs10
015
% FS
Square
EOe10 (VZ 10)2 (01sVZs10)
Untrimmed
(Figure 6)
10
20
% FS
External Trim
(Figure 7)
015
% FS
Low Level
EOe
010VZ 50mVsVZs10V (Figure 10)
005
% FS
Square Root
Exponential
me02 EOe10 (VZ 10)2 (Figure 11) (01sVZs10)
008
% FS
Circuits
me50 EOe10 (VZ 10)5 (Figure 11) (10sVZs10)
008
% FS
OUTPUT OFFSET
VXe10V VYeVZe0
50
10
mV
AC CHARACTERISTICS
3 dB Bandwidth
me10 VXe10V VYe01 Vrms
10
kHz
Noise
10 Hz to 10 kHz me10 VYeVZeOV
VXe10V
100
m
Vrms
VXe01V
300
m
Vrms
EXPONENT
m
02 to
01 to
50
10
INPUT CHARACTERISTICS
Input Voltage
(For Rated Performance)
0
10
V
Input Impedance
(All Inputs)
98
100
kX
OUTPUT CHARACTERISTICS
Output Swing
(RLs10k)
10
12
V
Output Impedance
10
X
Supply Current
(VSe g15V) (Note 1)
30
50
mA
Note 1
Refer to RETS0094D drawing for specifications of the military LH00940 version
2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com