Electronic Components Datasheet Search
  English  ▼

X  

CLC016 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC016
Description  Data Retiming PLL with Automatic Rate Selection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC016 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button CLC016 Datasheet HTML 4Page - National Semiconductor (TI) CLC016 Datasheet HTML 5Page - National Semiconductor (TI) CLC016 Datasheet HTML 6Page - National Semiconductor (TI) CLC016 Datasheet HTML 7Page - National Semiconductor (TI) CLC016 Datasheet HTML 8Page - National Semiconductor (TI) CLC016 Datasheet HTML 9Page - National Semiconductor (TI) CLC016 Datasheet HTML 10Page - National Semiconductor (TI) CLC016 Datasheet HTML 11Page - National Semiconductor (TI) CLC016 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Product Description (Continued)
Pin Definitions
Name
Pin #
Description
DDI, DDI
5, 6
Differential (ECL, PECL) data
inputs.
SCO,
SCO
23, 22
Differential collector (ECL,
PECL compatible) clock outputs
SDO,
SDO
25, 24
Differential collector (ECL,
PECL compatible) retimed data
outputs
RDO,
RD1
20, 21
Bi-directional (TTL, CMOS)
VCO data rate bus. See
Table 3
for state table.
R
n
13, 14,
15, 17
VCO rate configuration resistors
(n=0,1,2,3).
RTN
18
Return for R
n
SER
4
Loop unlock output (TTL,
CMOS) indicator. High when
loop is unlocked or
harmonic-locked.
CD
19
Carrier detector (TTL, CMOS)
output. Low when no signal is
present.
MUTE
28
Output mute (TTL, CMOS)
control. Connect to CD to latch
outputs when no signal is
present.
AUTO
16
Auto- or manual-rate mode
control (TTL, CMOS) input.
Assert high for auto-rate mode.
ACQ/WR
8
ARS oscillator enable and rate
latch enable (TTL, CMOS)
input. Connect to SER (see
diagrams) for auto-rate mode.
C
ARS
2
External capacitor connections
for controlling the rate of the
ARS search.
V
C,VC
12, 9
VCO control lines. Loop filter
connects across these and FD.
FD
10
Frequency detector output. C
Z
must connect from FD to V
C.
V
CC
7, 26
Positive supply pins (ground or
+5V).
V
EE
1, 3, 11,
27
Negative supply pins (−5.2V or
ground).
Operation Description
The CLC016 Data Retiming PLL,
Figure 3, has three main
functions: Frequency Detector (FD), Phase-Locked Loop
(PLL) and Auto-Rate Select (ARS).
The Frequency Detector detects the frequency difference
between the input data rate and the VCO frequency, and
forces a rapid change in VCO frequency to minimize that dif-
ference. As the frequency difference approaches zero, the
PLL acquires phase lock and the Frequency Detector be-
comes inactive. In Auto-Rate Select mode, the Frequency
Detector requests the ARS function to search for a new data
rate.
The PLL consists of a Voltage Controlled Oscillator (VCO), a
Phase Detector (PD), and an external Loop Filter (LF). The
PLL recovers a low-jitter clock for data retiming. The data is
re-synchronized (retimed) at the Data Latch. The data and
clock are buffered outputs.
The ARS block has two modes of operation: Auto-Rate Mode
(ARM) and Manual-Rate Mode (MRM). Once the ARS func-
tion is activated (ARM), it sequences through the user-
selected data rates until phase lock is achieved. The user
has control over the rate at which ARS steps through the
data rates (see
Auto-Rate Selection section).
The Carrier Detect (CD) block detects the presence of input
data and is an input to the ARS block. When CD is con-
nected to MUTE and no data is present, the clock and data
outputs are latched.
DS100087-15
FIGURE 3. Functional Block Diagram
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com