Electronic Components Datasheet Search
  English  ▼

X  

CLC016 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC016
Description  Data Retiming PLL with Automatic Rate Selection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC016 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button CLC016 Datasheet HTML 11Page - National Semiconductor (TI) CLC016 Datasheet HTML 12Page - National Semiconductor (TI) CLC016 Datasheet HTML 13Page - National Semiconductor (TI) CLC016 Datasheet HTML 14Page - National Semiconductor (TI) CLC016 Datasheet HTML 15Page - National Semiconductor (TI) CLC016 Datasheet HTML 16Page - National Semiconductor (TI) CLC016 Datasheet HTML 17Page - National Semiconductor (TI) CLC016 Datasheet HTML 18Page - National Semiconductor (TI) CLC016 Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
Product Description (Continued)
CONTROL LINE INTERFACES
The use of the CLC016 with +5V supplies allows the control
lines to interface to standard TTL logic signals. Operating the
CLC016 at −5.2V requires level-shifting circuits for the con-
trol line inputs. Refer to the
Static Performance section of
the
Electrical Characteristics page for required input volt-
age levels.
POWER CONSUMPTION
The power supply current given in the Electrical Characteris-
tics table includes the current required for both the clock and
data output buffers to drive a 75
Ω load to ECL swings.
TYPICAL APPLICATIONS
The CLC016 was designed as one of a series of data trans-
mission support chips. The CLC016 is recommended for a
wide variety of clock and data recovery applications that fit
within its range of data rates.
Serial Data Transmission over Cable
Serial data transmission is common for all types of commu-
nication channels where the data is sent over coaxial or
twisted pair cable.
Figure 21 shows a typical connection us-
ing a CLC006 driver chip, CLC014 Adaptive Cable Equalizer,
and the CLC016 Data Retiming PLL. The CLC016 extracts
the clock and retimes the data from the serial bit stream.
The components recommended in
Figure 21 support the
four common data rates specified in SMPTE 259M.
ESD
The CLC016 is a
CMOS chip. Operators are cautioned to
use grounding straps when handling.
MEASUREMENTS & EVALUATION
When evaluating the CLC016 Data Retimer, it is recom-
mended that you solder the part to the board or use a lead-
less chip carrier socket. Probing with capacitive probes will
disturb the CLC016 performance. When probing the signal
levels use a
1 pF capacitance probe with a 500
Ω tip.
The block diagram below shows a simple method of measur-
ing the clock to eye pattern jitter. Use of the CLC016 evalu-
ation board is recommended for jitter evaluation. It also pro-
vides a good reference for a user’s circuit board design. The
plot in
Figure 23 shows a histogram of the jitter and where
the measurements were taken.
DS100087-32
FIGURE 20. Load Terminated Output Interface
DS100087-33
FIGURE 21. Typical Cable Connection
15
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com