Electronic Components Datasheet Search
  English  ▼

X  

LD5636BD Datasheet(PDF) 1 Page - LightKey Optoelectronics Ltd.

Part # LD5636BD
Description  0.56 inch Three Digit 7 Segment LED Display
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTKEY [LightKey Optoelectronics Ltd.]
Direct Link  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LD5636BD Datasheet(HTML) 1 Page - LightKey Optoelectronics Ltd.

  LD5636BD Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LD5636BD Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LD5636BD Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LightKey
SPEC NO: DS10121717
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 1/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 0.56 inch Three Digit 7 Segment LED Display
LD5636A/B Series - 0.56 inch Three Digit 7 Segment LED Display
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
DISCHARGE
SENSITIVE
DEVICES
Features
14.20 mm (0.56 inch) digit high
Excellent digit appearance
Wide viewing angle
Range of emitted colors
I.C. compatible
Low power consumption
White segment, black face
Available options
Alternative emitting luminosity:
Standard or high brightness version
Alternative emitted color
Alternative face and segment color
Alternative font
Both CA and CC versions are available
Cropped terminal pins
RoHS compliant
Package Dimensions
Notes:
1. All dimensions are in millimeters (inches), Tolerance is + 0.25mm(0.01inch)unless other wise noted.
2. Specifications are subject to change without notice.
3. The gap between the reflector and PCB shall not exceed 0.25mm.


Similar Part No. - LD5636BD

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LD5631AB LIGHTKEY-LD5631AB Datasheet
169Kb / 3P
0.56 inch Three Digit 7 Segment LED Display
LD5631AD LIGHTKEY-LD5631AD Datasheet
169Kb / 3P
0.56 inch Three Digit 7 Segment LED Display
LD5631AG LIGHTKEY-LD5631AG Datasheet
169Kb / 3P
0.56 inch Three Digit 7 Segment LED Display
LD5631AO LIGHTKEY-LD5631AO Datasheet
169Kb / 3P
0.56 inch Three Digit 7 Segment LED Display
LD5631APG LIGHTKEY-LD5631APG Datasheet
169Kb / 3P
0.56 inch Three Digit 7 Segment LED Display
More results

Similar Description - LD5636BD

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PD42-CAMG13 P-TEC-PD42-CAMG13 Datasheet
24Kb / 1P
Three Digit 7 Segment 0.56??Display
PD42-CAMO12 P-TEC-PD42-CAMO12 Datasheet
24Kb / 1P
Three Digit 7 Segment 0.56??Display
PD42-CAMR21 P-TEC-PD42-CAMR21 Datasheet
24Kb / 1P
Three Digit 7 Segment 0.56??Display
PD42-CAMR24 P-TEC-PD42-CAMR24 Datasheet
24Kb / 1P
Three Digit 7 Segment 0.56??Display
PD42-CAMY01 P-TEC-PD42-CAMY01 Datasheet
24Kb / 1P
Three Digit 7 Segment 0.56??Display
logo
LightKey Optoelectronic...
LD5624AB LIGHTKEY-LD5624AB Datasheet
167Kb / 3P
0.56 inch Dual Digit 7 Segment LED Display
LD5631AB LIGHTKEY-LD5631AB Datasheet
169Kb / 3P
0.56 inch Three Digit 7 Segment LED Display
LD5631CD LIGHTKEY-LD5631CD Datasheet
160Kb / 3P
0.56 inch Three Digit 7 Segment LED Display
LD5631EF LIGHTKEY-LD5631EF Datasheet
161Kb / 3P
0.56 inch Three Digit 7 Segment LED Display
LD5641AB LIGHTKEY-LD5641AB Datasheet
162Kb / 3P
0.56 inch Four Digit 7 Segment LED Display
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com