Electronic Components Datasheet Search
  English  ▼

X  

LD5636BD Datasheet(PDF) 2 Page - LightKey Optoelectronics Ltd.

Part # LD5636BD
Description  0.56 inch Three Digit 7 Segment LED Display
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTKEY [LightKey Optoelectronics Ltd.]
Direct Link  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LD5636BD Datasheet(HTML) 2 Page - LightKey Optoelectronics Ltd.

  LD5636BD Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LD5636BD Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LD5636BD Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LightKey
SPEC NO: DS10121717
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 2/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 0.56 inch Three Digit 7 Segment LED Display
Internal Circuit Diagram
LD5636A (Common Cathode)
11
A
E
8
6 NO CONNECT
10
DIG.1
D
74
B
BC
21
EF
12
5
3
GDP
B
B
AC
DP
DE
G
F
9
DIG.2
AB
BD
CF
G D
DIG.3
P
LD5636B (Common Anode)
11
A
E
8
6 NO CONNCET
10
DIG.1
7
42
1
D
B
BC
E
F
12
5
3
GDP
B
B
AC
DP
DE
9
G
F
DIG.2
AB
BD
CF
G
DIG.3
DP
Selection Guide
Three digits 7 Segment LED Display, Digit Height: 14.20mm(0.56inch), External Dimensions:
37.60x19.00x8.00mm (L x W x H )
Part No.
Chip
Iv@IF=20mA
Iv@IF=20mA
One Seg
One DP
Common
Cathode
Common
Anode
Material
Color
WLD
Min.
Typ.
Min.
Typ.
LD5636AR
LD5636BR
GaAlAs
Super Red
640
8
10
8
10
LD5636AD
LD5636BD
GaAlAs
Hi-Red
640
18
25
18
25
LD5636AO
LD5636BO
GaAsP
Orange
625
7
9
7
9
LD5636AY
LD5636BY
GaAsP
Yellow
588
8
10
8
10
LD5636AG
LD5636BG
GaP
Green
568
7
9
7
9
LD5636AUR
LD5636BUR
AlGaInP
Ultra Red
640
30
45
30
45
LD5636AUO
LD5636BUO
AlGaInP
Ultra Orange
625
45
60
45
60
LD5636AUA
LD5636BUA
AlGaInP
Ultra Amber
65
30
45
30
45
LD5636AUY
LD5636BUY
AlGaInP
Ultra Yellow
595
30
45
30
45
LD5636AUG
LD5636BUG
AlGaInP
Ultra Green
573
30
45
30
45
LD5636APG
LD5636BPG
InGaN
Pure Green
525
120
300
120
300
LD5636AUB
LD5636BUB
InGaN
Ultra Blue
470
30
45
30
45
LD5636AUW
LD5636BUW
InGaN
Ultra White
\
100
120
100
120
Unit:
\
\
\
nm
mcd
mcd
mcd
mcd



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com