Electronic Components Datasheet Search
  English  ▼

X  

PN85501 Datasheet(PDF) 4 Page - Mallory performance club

Part # PN85501
Description  MSD Pro-Billet Chevrolet V8 Distributor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

PN85501 Datasheet(HTML) 4 Page - Mallory performance club

  PN85501 Datasheet HTML 1Page - Mallory performance club PN85501 Datasheet HTML 2Page - Mallory performance club PN85501 Datasheet HTML 3Page - Mallory performance club PN85501 Datasheet HTML 4Page - Mallory performance club PN85501 Datasheet HTML 5Page - Mallory performance club PN85501 Datasheet HTML 6Page - Mallory performance club PN85501 Datasheet HTML 7Page - Mallory performance club PN85501 Datasheet HTML 8Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
INSTALLATION INSTRUCTIONS
MSD •   W W W. M S D PE R F OR M A NC E . C OM   •   ( 91 5 )   8 57 - 5 20 0   •   F AX   ( 91 5 )   8 57 - 33 4 4
Figure 6 Changing the Advance Stop Bushing.
SELECTING THE ADVANCE STOP
BUSHING
Three different advance stop bushings are supplied
in the distributor kit. The distributor comes with a
Blue (21°) bushing already installed. If a different
amount of centrifugal advance is desired, follow the
next procedure to change the bushings. The chart
in Figure 5 gives the size and approximate degrees
for the corresponding bushings.
CHANGING THE ADVANCE STOP
BUSHINGS
1. Remove the distributor cap and rotor.
2. Remove the locknut and washer on the bottom
of the advance assembly (Figure 6).
3. Remove the bushing and install the new one.
Install the washer and locknut. Do not over
tighten.
LOCKING OUT THE CENTRIFUGAL
ADVANCE
1. Remove the advance components including the
springs, weights and the advance stop bushing
from the advance assembly.
2. Remove the roll-pin from the drive gear and
remove the gear from the shaft.
3. Slide the shaft two inches out of the housing.
4. Rotate the shaft 180° and insert the advance stop
bushing pin into the small hole on the advance
plate (Figure 7).
5. Install the locknut and washer to the advance stop
bushing pin. This locks the advance in place. Do
not over tighten.
6. Install the drive gear and roll-pin.
Figure 6 Locking Out the Centrifugal Advance.
Figure 7 Locking Out the Advance.
Figure 5 Advance Stop Bushing Chart.
BUSHING SIZE
APPROXIMATE
CRANKSHAFT
DEGREES
Red-Smallest
28
Silver
25
Blue
21
Black-Largest
18



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com