Electronic Components Datasheet Search
  English  ▼

X  

PN85501 Datasheet(PDF) 7 Page - Mallory performance club

Part # PN85501
Description  MSD Pro-Billet Chevrolet V8 Distributor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

PN85501 Datasheet(HTML) 7 Page - Mallory performance club

  PN85501 Datasheet HTML 1Page - Mallory performance club PN85501 Datasheet HTML 2Page - Mallory performance club PN85501 Datasheet HTML 3Page - Mallory performance club PN85501 Datasheet HTML 4Page - Mallory performance club PN85501 Datasheet HTML 5Page - Mallory performance club PN85501 Datasheet HTML 6Page - Mallory performance club PN85501 Datasheet HTML 7Page - Mallory performance club PN85501 Datasheet HTML 8Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
INSTALLATION INSTRUCTIONS
7
MSD •   W W W. M S D PE R F OR M A NC E . C OM   •   ( 91 5 )   8 57 - 5 20 0   •   F AX   ( 91 5 )   8 57 - 33 4 4
Figure 12 Wiring to an MSD 6-Series Ignition Control.
Figure 13 Wiring to an MSD 7-Series Ignition Control.
GREEN
PN 8860
HARNESS
VIOLET
FROM
IGNITION KEY
(ORIGINAL COIL
WIRE)
IGNITION
KEY
RED
WHITE (NOT USED)
TO 12V
ORANGE
BLACK
+
T
A
C
H
C+
C-
IGN
PTS
M+
M-
GROUND
RPM
HEAVY BLACK
HEAVY RED
+
TO BATTERY
TO BATTERY
+
PRO POWER COIL
WARNING: High voltage is present on the coil terminals. Do not touch the terminals or
coil tower when the engine is cranking or running.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com