Electronic Components Datasheet Search
  English  ▼

X  

LM2731 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2731
Description  0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2731 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM2731 Datasheet HTML 1Page - National Semiconductor (TI) LM2731 Datasheet HTML 2Page - National Semiconductor (TI) LM2731 Datasheet HTML 3Page - National Semiconductor (TI) LM2731 Datasheet HTML 4Page - National Semiconductor (TI) LM2731 Datasheet HTML 5Page - National Semiconductor (TI) LM2731 Datasheet HTML 6Page - National Semiconductor (TI) LM2731 Datasheet HTML 7Page - National Semiconductor (TI) LM2731 Datasheet HTML 8Page - National Semiconductor (TI) LM2731 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Connection Diagram
Top View
20059111
5-Lead SOT-23 Package
See NS Package Number MF05A
Ordering Information
Order Number Package Type Package Drawing
Supplied As
Package ID
LM2731XMF
SOT23-5
MF05A
1K Tape and Reel
S51A
LM2731XMFX
3K Tape and Reel
S51A
LM2731YMF
1K Tape and Reel
S51B
LM2731YMFX
3K Tape and Reel
S51B
Pin Description
Pin
Name
Function
1
SW
Drain of the internal FET switch.
2
GND
Analog and power ground.
3
FB
Feedback point that connects to external resistive divider.
4
SHDN
Shutdown control input. Connect to Vin if the feature is not used.
5V
IN
Analog and power input.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com