Electronic Components Datasheet Search
  English  ▼

X  

LM2731 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2731
Description  0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2731 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2731 Datasheet HTML 1Page - National Semiconductor (TI) LM2731 Datasheet HTML 2Page - National Semiconductor (TI) LM2731 Datasheet HTML 3Page - National Semiconductor (TI) LM2731 Datasheet HTML 4Page - National Semiconductor (TI) LM2731 Datasheet HTML 5Page - National Semiconductor (TI) LM2731 Datasheet HTML 6Page - National Semiconductor (TI) LM2731 Datasheet HTML 7Page - National Semiconductor (TI) LM2731 Datasheet HTML 8Page - National Semiconductor (TI) LM2731 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LM2731
0.6/1.6 MHz Boost Converters With 22V Internal FET
Switch in SOT-23
General Description
The LM2731 switching regulators are current-mode boost
converters operating at fixed frequencies of 1.6 MHz (“X”
option) and 600 kHz (“Y” option).
The use of SOT-23 package, made possible by the minimal
power loss of the internal 1.8A switch, and use of small
inductors and capacitors result in the industry’s highest
power density. The 22V internal switch makes these solu-
tions perfect for boosting to voltages up to 20V.
These parts have a logic-level shutdown pin that can be
used to reduce quiescent current and extend battery life.
Protection is provided through cycle-by-cycle current limiting
and thermal shutdown. Internal compensation simplifies de-
sign and reduces component count.
Switch Frequency
XY
1.6 MHz
0.6 MHz
Features
n
22V DMOS FET switch
n
1.6 MHz (“X”), 0.6 MHz (“Y”) switching frequency
n
Low R
DS(ON) DMOS FET
n
Switch current up to 1.8A
n
Wide input voltage range (2.7V–14V)
n
Low shutdown current (<1 µA)
n
5-Lead SOT-23 package
n
Uses tiny capacitors and inductors
n
Cycle-by-cycle current limiting
n
Internally compensated
Applications
n
White LED Current Source
n
PDA’s and Palm-Top Computers
n
Digital Cameras
n
Portable Phones and Games
n
Local Boost Regulator
Typical Application Circuit
20059110
20059130
July 2003
© 2003 National Semiconductor Corporation
DS200591
www.national.com


Similar Part No. - LM2731

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2731 NSC-LM2731 Datasheet
432Kb / 16P
0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
logo
Texas Instruments
LM2731 TI-LM2731 Datasheet
629Kb / 16P
LM2731 0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
LM2731 TI1-LM2731 Datasheet
1Mb / 22P
0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
LM2731 TI-LM2731 Datasheet
1Mb / 29P
0.6/1.6-MHz Boost Converters With 22-V Internal FET Switch in SOT-23
LM2731 TI1-LM2731 Datasheet
667Kb / 16P
LM2731 0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
More results

Similar Description - LM2731

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2733 NSC-LM2733 Datasheet
507Kb / 13P
0.6/1.6 MHz Boost Converters With 40V Internal FET
LM2731 NSC-LM2731_07 Datasheet
432Kb / 16P
0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
LM2733 NSC-LM2733_07 Datasheet
406Kb / 16P
0.6/1.6 MHz Boost Converters With 40V Internal FET Switch in SOT-23
LM27313 NSC-LM27313_07 Datasheet
337Kb / 12P
1.6 MHz Boost Converter With 30V Internal FET Switch in SOT-23
logo
Texas Instruments
LM2731XMF_NOPB TI1-LM2731XMF_NOPB Datasheet
667Kb / 16P
LM2731 0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
LM2733YMF-NOPB TI-LM2733YMF-NOPB Datasheet
1Mb / 22P
LM2733 0.6/1.6 MHz Boost Converters With 40V Internal FET Switch in SOT-23
LM2731YMFX TI-LM2731YMFX Datasheet
629Kb / 16P
LM2731 0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
LM2731 TI1-LM2731_14 Datasheet
1Mb / 22P
0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
LM2731 TI-LM2731_15 Datasheet
1Mb / 29P
0.6/1.6-MHz Boost Converters With 22-V Internal FET Switch in SOT-23
LM2733 TI-LM2733_15 Datasheet
1Mb / 26P
0.6 and 1.6-MHz Boost Converters With 40-V Internal FET Switch in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com