Electronic Components Datasheet Search
  English  ▼

X  

OP11EP Datasheet(PDF) 5 Page - Analog Devices

Part # OP11EP
Description  Quad Matched 741-Type Operational Amplifiers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP11EP Datasheet(HTML) 5 Page - Analog Devices

  OP11EP Datasheet HTML 1Page - Analog Devices OP11EP Datasheet HTML 2Page - Analog Devices OP11EP Datasheet HTML 3Page - Analog Devices OP11EP Datasheet HTML 4Page - Analog Devices OP11EP Datasheet HTML 5Page - Analog Devices OP11EP Datasheet HTML 6Page - Analog Devices OP11EP Datasheet HTML 7Page - Analog Devices OP11EP Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
–5–
OP11
REV. A
Typical Performance Characteristics–
TEMPERATURE – C
0.1
0.2
0.5
60
140
40
20
020
40
6080
100
120
0.3
0.4
VS = 15V
TPC 1. Input Offset Voltage vs. Temperature
TEMPERATURE – C
20
15
0
60
140
40
20
020
40
6080
100
120
10
5
VS = 15V
TPC 2. Offset Current vs. Temperature
TEMPERATURE – C
300
200
0
60
140
40
20
020
40
6080
100
120
100
VS = 15V
TPC 3. Bias Current vs. Temperature
TEMPERATURE – C
800
400
0
60
140
40
20
020
406080
100
120
200
VS = 15V
RL = 2k
600
300
100
700
500
TPC 4. Open-Loop Gain vs. Temperature
FREQUENCY – Hz
120
0
0.1
10M
1.0
10
100
1k
10k
100k
1M
100
80
60
40
20
GAIN
PHASE
VS = 15V
RL = 2k
TA = 25 C
CL = 100pF
0
45
90
135
180
TPC 5. Open-Loop Gain and Phase vs. Frequency
TEMPERATURE – C
1.4
1.0
0.6
60
140
40
20
020
406080
100
120
0.8
VS = 15V
1.2
0.9
0.7
1.3
1.1
SLEW RATE
BANDWIDTH
TPC 6. Normalized Slew Rate and Bandwidth
vs. Temperature



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com