Electronic Components Datasheet Search
  English  ▼

X  

OP11EP Datasheet(PDF) 3 Page - Analog Devices

Part # OP11EP
Description  Quad Matched 741-Type Operational Amplifiers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP11EP Datasheet(HTML) 3 Page - Analog Devices

  OP11EP Datasheet HTML 1Page - Analog Devices OP11EP Datasheet HTML 2Page - Analog Devices OP11EP Datasheet HTML 3Page - Analog Devices OP11EP Datasheet HTML 4Page - Analog Devices OP11EP Datasheet HTML 5Page - Analog Devices OP11EP Datasheet HTML 6Page - Analog Devices OP11EP Datasheet HTML 7Page - Analog Devices OP11EP Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
–3–
REV. A
OP11
OP11A
OP11E
Parameter
Symbol
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
Input Offset Voltage
VOS
RS
£ 10 kW
0.4
1.0
0.4
0.8
mV
Average Input Offset Voltage Drift1
TCVOS
RS
£ 10 kW
2.0
10
2.0
10
mV/∞C
Input Offset Current
IOS
20
40
14
30
nA
Average Input Offset Current Drift
1
TCIOS
0.1
0.3
0.1
0.3
nA/
∞C
Input Bias Current
IB
200
375
200
350
nA
Input Voltage Range
IVR
±12 ±13
±12
±13
V
Common-Mode Rejection Ratio
CMRR
VCM =
±12 V,
RS
£ 10 kW
100
120
100
120
dB
Power Supply Rejection Ratio
PSRR
VS =
±5 V to ±15 V,
RS
£ 10 kW
432
4
32
mV/V
Large-Signal Voltage Gain
AVO
RL
≥ 2 kW,
VO =
±10 V
50
250
50
250
V/mV
Output Voltage Swing
VO
RL
≥ 2 kW±11 ±13
±11
±13
V
Power Consumption
2
Pd
VO = 0 V
115
200
115
200
mW
NOTES
1Guaranteed but not tested.
2Total dissipation for all four amplifiers in package.
Specifications subject to change without notice
ELECTRICAL CHARACTERISTICS
(@ VS =
15 V,
55 C
£ TA £ 125 C for OP11A, 0 C £ TA£70 C for OP11E, unless
otherwise noted)
(@ VS =
15 V,
40 C
£ TA£ +85 C, RS £ 100 , unless otherwise noted)
OP11F
OP11G
Parameter
Symbol
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
Input Offset Voltage
VOS
RS
£ 10 kW
0.8
3.0
1.5
6 .0
mV
Average Input Offset Voltage Drift
TCVOS
RS
£ 10 kW
4.0
15
4.0
mV/∞C
Input Offset Current
IOS
40
60
250
300
nA
Average Input Offset Current Drift
1
TCIOS
0.3
0.6
0.3
0.6
nA/
∞C
Input Bias Current
IB
400
550
400
800
nA
Input Voltage Range
IVR
±12 ±13
±12
±13
V
Common-Mode Rejection Ratio
CMRR
VCM =
±12 V,
RS
£ 10 kW
100
120
70
100
dB
Power Supply Rejection Ratio
PSRR
VS =
±5 V to ±15 V,
RS
£ 10 kW
432
10
100
mV/V
Large-Signal Voltage Gain
AVO
RL
≥ 2 kW,
VO =
±10 V
50
250
25
100
V/mV
Output Voltage Swing
VO
RL
≥ 2 kW±11 ±13
±11
±13
V
Power Consumption
2
Pd
VO = 0 V
115
200
250
400
mW
NOTES
1Guaranteed but not tested.
2Total dissipation for all four amplifiers in package.
Specifications subject to change without notice
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com