Electronic Components Datasheet Search
  English  ▼

X  

MSP430F133IPM Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F133IPM
Description  MIXED SIGNAL MICROCONTROLLER
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F133IPM Datasheet(HTML) 14 Page - Texas Instruments

Back Button MSP430F133IPM Datasheet HTML 10Page - Texas Instruments MSP430F133IPM Datasheet HTML 11Page - Texas Instruments MSP430F133IPM Datasheet HTML 12Page - Texas Instruments MSP430F133IPM Datasheet HTML 13Page - Texas Instruments MSP430F133IPM Datasheet HTML 14Page - Texas Instruments MSP430F133IPM Datasheet HTML 15Page - Texas Instruments MSP430F133IPM Datasheet HTML 16Page - Texas Instruments MSP430F133IPM Datasheet HTML 17Page - Texas Instruments MSP430F133IPM Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 59 page
background image
MSP430x13x, MSP430x14x, MSP430x14x1
MIXED SIGNAL MICROCONTROLLER
SLAS272F − JULY 2000 − REVISED JUNE 2004
14
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
special function registers
Most interrupt and module-enable bits are collected in the lowest address space. Special-function register bits
not allocated to a functional purpose are not physically present in the device. This arrangement provides simple
software access.
interrupt enable 1 and 2
76
5
4
0
UTXIE0
OFIE
WDTIE
32
1
rw-0
rw-0
rw-0
Address
0h
URXIE0
ACCVIE
NMIIE
rw-0
rw-0
rw-0
WDTIE:
Watchdog-timer interrupt enable. Inactive if watchdog mode is selected. Active if watchdog
timer is configured in interval timer mode.
OFIE:
Oscillator-fault-interrupt enable
NMIIE:
Nonmaskable-interrupt enable
ACCVIE:
Flash access violation interrupt enable
URXIE0:
USART0: UART and SPI receive-interrupt enable
UTXIE0:
USART0: UART and SPI transmit-interrupt enable
76
5
4
0
UTXIE1
32
1
rw-0
rw-0
Address
01h
URXIE1
URXIE1:
USART1: UART and SPI receive-interrupt enable
UTXIE1:
USART1: UART and SPI transmit-interrupt enable
interrupt flag register 1 and 2
76
5
4
0
UTXIFG0
OFIFG
WDTIFG
32
1
rw-0
rw-1
rw-(0)
Address
02h
URXIFG0
NMIIFG
rw-1
rw-0
WDTIFG:
Set on watchdog timer overflow (in watchdog mode) or security key violation. Reset on VCC
power up or a reset condition at the RST/NMI pin in reset mode.
OFIFG:
Flag set on oscillator fault
NMIIFG:
Set via RST/NMI pin
URXIFG0:
USART0: UART and SPI receive flag
UTXIFG0:
USART0: UART and SPI transmit flag
76
5
4
0
UTXIFG1
32
1
rw-1
rw-0
Address
03h
URXIFG1
URXIFG1:
USART1: UART and SPI receive flag
UTXIFG1:
USART1: UART and SPI transmit flag



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com