Electronic Components Datasheet Search
  English  ▼

X  

MSP430F133IPM Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F133IPM
Description  MIXED SIGNAL MICROCONTROLLER
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F133IPM Datasheet(HTML) 26 Page - Texas Instruments

Back Button MSP430F133IPM Datasheet HTML 22Page - Texas Instruments MSP430F133IPM Datasheet HTML 23Page - Texas Instruments MSP430F133IPM Datasheet HTML 24Page - Texas Instruments MSP430F133IPM Datasheet HTML 25Page - Texas Instruments MSP430F133IPM Datasheet HTML 26Page - Texas Instruments MSP430F133IPM Datasheet HTML 27Page - Texas Instruments MSP430F133IPM Datasheet HTML 28Page - Texas Instruments MSP430F133IPM Datasheet HTML 29Page - Texas Instruments MSP430F133IPM Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 59 page
background image
MSP430x13x, MSP430x14x, MSP430x14x1
MIXED SIGNAL MICROCONTROLLER
SLAS272F − JULY 2000 − REVISED JUNE 2004
26
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature (unless otherwise
noted) (continued)
SCHMITT-trigger inputs − Ports P1, P2, P3, P4, P5, and P6
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIT+
Positive-going input threshold voltage
VCC = 2.2 V
1.1
1.5
V
VIT+
Positive-going input threshold voltage
VCC = 3 V
1.5
1.9
V
VIT−
Negative-going input threshold voltage
VCC = 2.2 V
0.4
0.9
V
VIT−
Negative-going input threshold voltage
VCC = 3 V
0.90
1.3
V
Vhys
Input voltage hysteresis (VIT+ − VIT−)
VCC = 2.2 V
0.3
1.1
V
Vhys
Input voltage hysteresis (VIT+ − VIT−)
VCC = 3 V
0.5
1
V
standard inputs − RST/NMI; JTAG: TCK, TMS, TDI/TCLK, TDO/TDI
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIL
Low-level input voltage
VCC = 2.2 V / 3 V
VSS
VSS+0.6
V
VIH
High-level input voltage
VCC = 2.2 V / 3 V
0.8
×VCC
VCC
V
inputs Px.x, TAx, TBx
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
Port P1, P2: P1.x to P2.x, external trigger signal
2.2 V/3 V
1.5
cycle
t(int)
External interrupt timing
Port P1, P2: P1.x to P2.x, external trigger signal
for the interrupt flag, (see Note 1)
2.2 V
62
ns
t(int)
External interrupt timing
for the interrupt flag, (see Note 1)
3 V
50
ns
Timer_A, Timer_B capture
TA0, TA1, TA2
2.2 V
62
t(cap)
Timer_A, Timer_B capture
timing
TB0, TB1, TB2, TB3, TB4, TB5, TB6 (see
Note 2)
3 V
50
ns
f(TAext)
Timer_A, Timer_B clock
frequency externally applied
TACLK, TBCLK, INCLK: t(H) = t(L)
2.2 V
8
MHz
f(TBext)
frequency externally applied
to pin
TACLK, TBCLK, INCLK: t(H) = t(L)
3 V
10
MHz
f(TAint)
Timer_A, Timer_B clock
frequency
SMCLK or ACLK signal selected
2.2 V
8
MHz
f(TBint)
Timer_A, Timer_B clock
frequency
SMCLK or ACLK signal selected
3 V
10
MHz
NOTES:
1. The external signal sets the interrupt flag every time the minimum t(int) cycle and time parameters are met. It may be set even with
trigger signals shorter than t(int). Both the cycle and timing specifications must be met to ensure the flag is set. t(int) is measured in
MCLK cycles.
2. Seven capture/compare registers in ’x14x(1) and three capture/compare registers in ’x13x.
leakage current (see Note 1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Ilkg(P1.x)
Leakage
Port P1
V(P1.x) (see Note 2)
±50
Ilkg(P2.x)
Leakage
current (see
Note 1)
Port P2
V(P2.3) V(P2.4) (see Note 2)
VCC = 2.2 V/3 V
±50
nA
Ilkg(P6.x)
current (see
Note 1)
Port P6
V(P6.x) (see Note 2)
VCC = 2.2 V/3 V
±50
nA
NOTES:
1. The leakage current is measured with VSS or VCC applied to the corresponding pin(s), unless otherwise noted.
2. The port pin must be selected as input and there must be no optional pullup or pulldown resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com