Electronic Components Datasheet Search
  English  ▼

X  

PS9821 Datasheet(PDF) 4 Page - California Micro Devices Corp

Part # PS9821
Description  HIGH CMR, 10 Mbps 3.3V OPEN COLLECTOR OUTPUT TYPE SO8 OPTOCOUPLER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

PS9821 Datasheet(HTML) 4 Page - California Micro Devices Corp

  PS9821 Datasheet HTML 1Page - California Micro Devices Corp PS9821 Datasheet HTML 2Page - California Micro Devices Corp PS9821 Datasheet HTML 3Page - California Micro Devices Corp PS9821 Datasheet HTML 4Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ELECTRICAL CHARACTERISTICS (TA = −−40 to +85°C, unless otherwise specified)
Parameter
Symbol
Conditions
MIN.
TYP.*1
MAX.
Unit
Diode
Forward Voltage
VF
IF = 10 mA, TA = 25°C
1.4
1.65
1.8
V
Reverse Current
IR
VR = 3 V, TA = 25°C
10
µ
A
Terminal Capacitance
Ct
V = 0 V, f = 1 MHz, TA = 25°C
30
pF
Detector High Level Output Current
IOH
VCC = VO =3.3 V, VF = 0.8 V
0.3
50
µ
A
Low Level Output Voltage*2
VOL
VCC = 3.3 V, IF = 5 mA, IOL = 8 mA
0.3
0.6
V
High Level Supply Current
ICCH
VCC = 3.3 V, IF = 0 mA
4.5
7
mA
Low Level Supply Current
ICCL
VCC = 3.3 V, IF = 10 mA
7.0
10
mA
Coupled Threshold Input Current
(H → L)
IFHL
VCC = 3.3 V, VO = 0.8 V, RL = 350 Ω
3
5
mA
Isolation Resistance
RI-O
VI-O = 1 kVDC, RH = 40 to 60%,
TA = 25°C
1011
Ω
Isolation Capacitance
CI-O
V = 0 V, f = 1 MHz, TA = 25°C
0.9
pF
tPHL
ns
Propagation Delay Time
(H → L)*3
VCC = 3.3 V, RL = 350 Ω, IF = 7.5 mA
TA = 25°C
-
75
Propagation Delay Time
tPLH
ns
(L → H)*3
VCC = 3.3 V, RL = 350 Ω, IF = 7.5 mA
TA = 25°C
90
Rise Time
tr
VCC =3.3 V, RL = 350 Ω, IF = 7.5 mA
20
Fall Time
tf
VCC = 3.3 V, RL = 350 Ω, IF = 7.5 mA
10
Pulse Width Distortion
(PWD) *3
tPHL−tPLH VCC =3.3 V, RL = 350 Ω, IF = 7.5 mA
TA = 25°C
-
25
ns
Propagation Delay Skew
tPSK
VCC = 3.3 V, RL = 350 Ω, IF = 7.5 mA
TA = 25°C
40
Common Mode
Transient Immunity at High
Level Output*4
CMH
RL = 350 Ω, TA = 25°C, IF = 0 mA,
VO (MIN.) = 2 V, VCM = 50V
15
kV/µs
Common Mode
Transient Immunity at Low
Level Output*4
CML
RL = 350 Ω, TA = 25°C, IF = 7.5 mA,
VO (MAX.) = 0.8 V, VCM = 50V
15
kV/µs
PS9821-1/-2
Preliminary Data Sheet
A Business Partner of NEC Compound Semiconductor Devices, Ltd.
08/30/2004
Life Support Applications
These NEC products are not intended for use in life support devices, appliances, or systems where the malfunction of these products can reasonably
be expected to result in personal injury. The customers of CEL using or selling these products for use in such applications do so at their own risk and
agree to fully indemnify CEL for all damages resulting from such improper use or sale.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com