Electronic Components Datasheet Search
  English  ▼

X  

PS9821 Datasheet(PDF) 1 Page - California Micro Devices Corp

Part # PS9821
Description  HIGH CMR, 10 Mbps 3.3V OPEN COLLECTOR OUTPUT TYPE SO8 OPTOCOUPLER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

PS9821 Datasheet(HTML) 1 Page - California Micro Devices Corp

  PS9821 Datasheet HTML 1Page - California Micro Devices Corp PS9821 Datasheet HTML 2Page - California Micro Devices Corp PS9821 Datasheet HTML 3Page - California Micro Devices Corp PS9821 Datasheet HTML 4Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DESCRIPTION
NEC’s PS9821 is an optically coupled high-speed isolator containing a GaAlAs LED on the input side and
a photodiode and a signal processing circuit on the output side on one chip.
FEATURES
• Supply Voltage 3.3V
• Open collector output
• High common mode transient immunity (CMH, CML = ±15 kV/µs Min.)
• Small package (SO8)
• High-speed (10 Mbps)
• High isolation voltage (BV = 2 500 Vr.m.s.)
APPLICATIONS
• Factory Automation Network
• Measurement equipment
• PDP
PS9821-1/-2
NEC's HIGH CMR,
10 Mbps 3.3V OPEN COLLECTOR
OUTPUT TYPE SO8 OPTOCOUPLER
PRELIMINARY DATA SHEET
California Eastern Laboratories
The information in this document is subject to change without notice. Before using this document, please confirm that
this is the latest version.


Similar Part No. - PS9821

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS9821-1 CEL-PS9821-1 Datasheet
295Kb / 17P
HIGH CMR, 15 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) 3.3 V HIGH-SPEED PHOTOCOUPLER
logo
Renesas Technology Corp
PS9821-1 RENESAS-PS9821-1 Datasheet
297Kb / 19P
HIGH CMR, 15 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8)
PS9821-1 RENESAS-PS9821-1 Datasheet
275Kb / 15P
HIGH CMR, 15 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) 3.3 V HIGH-SPEED PHOTOCOUPLER
Dec 17, 2021
logo
California Eastern Labs
PS9821-1-A CEL-PS9821-1-A Datasheet
295Kb / 17P
HIGH CMR, 15 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) 3.3 V HIGH-SPEED PHOTOCOUPLER
PS9821-1-AX CEL-PS9821-1-AX Datasheet
295Kb / 17P
HIGH CMR, 15 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) 3.3 V HIGH-SPEED PHOTOCOUPLER
More results

Similar Description - PS9821

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PS9121 CALMIRCO-PS9121 Datasheet
2Mb / 7P
HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP 3.3V HIGH-SPEED PHOTOCOUPLER
logo
NEC
PS9714 NEC-PS9714 Datasheet
164Kb / 7P
NECs HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5 PIN SOP OPTOCOUPLER
logo
California Eastern Labs
PS9814-1 CEL-PS9814-1 Datasheet
599Kb / 12P
HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED OPTOCOUPLER
PS9924 CEL-PS9924 Datasheet
636Kb / 16P
HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 8-PIN LSDIP PHOTOCOUPLER
PS9714 CEL-PS9714 Datasheet
166Kb / 7P
NECs HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5 PIN SOP OPTOCOUPLER
PS9324L CEL-PS9324L Datasheet
719Kb / 18P
HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 6-PIN SDIP PHOTOCOUPLER
PS9114 CEL-PS9114 Datasheet
388Kb / 11P
HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9324L RENESAS-PS9324L_15 Datasheet
338Kb / 19P
HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 6-PIN SDIP PHOTOCOUPLER
PS9924 RENESAS-PS9924_15 Datasheet
298Kb / 16P
HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 8-PIN LSDIP PHOTOCOUPLER
PS9117A RENESAS-PS9117A Datasheet
287Kb / 16P
HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com