Electronic Components Datasheet Search
  English  ▼

X  

CPE-1785 Datasheet(PDF) 3 Page - CUI INC

Part # CPE-1785
Description  PIEZO AUDIO TRANSDUCER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CPE-1785 Datasheet(HTML) 3 Page - CUI INC

  CPE-1785 Datasheet HTML 1Page - CUI INC CPE-1785 Datasheet HTML 2Page - CUI INC CPE-1785 Datasheet HTML 3Page - CUI INC CPE-1785 Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
date
page
PART NUMBER:
DESCRIPTION:
09/2010
3 of 4
PIEZO AUDIO TRANSDUCER
CPE-1785
20050 SW 112th Ave. Tualatin, Oregon 97062
phone 503.612.2300
fax 503.612.2383 www.cui.com
MECHANICAL CHARACTERISTICS
item
test condition
evaluation standard
solderability1
Lead terminals are immersed in rosin for 5 seconds and then im-
mersed in a solder bath of +270 ±5°C for 3 ±1 seconds.
90% min. of the lead terminals will be
wet with solder.
(except the edge of the terminal)
soldering heat resistance
Lead terminals are immersed up to 1.5 mm from the buzzer’s
body in a solder bath of 300 ±5°C for 3 ±0.5 seconds or 260 ±5°C
for 10 ±1 second.
No interference in operation.
terminal mechanical strength
The force of 9.8 N is applied for 10 sec. to each terminal in axial
direction.
No damage or cutting off.
vibration test
The buzzer should be measured after a vibration amplitude of
0.75 mm with 10 ~ 55 Hz band of vibration frequency to each of
the 3 perpendicular directions for 0.5 hours.
The value of oscillation frequency /
current consumption
should be ±10% of the initial
measurements. The SPL should
be within ±10dB compared with
the initial measurement.
drop test
The buzzer without packaging is subjected to 3 drops on each
axis from the height of 70 cm onto a 10 mm thick wooden board.
Notes: 1. Not recommended for wave soldering
ENVIRONMENT TEST
item
test condition
evaluation standard
high temperature test
After being placed in a chamber at +80°C for 96 hours.
The buzzer will be measured after
being placed at +25°C for 4 hours.
The value of the oscillation frequency
/ current consumption should be
±10% compared to the initial
measurements. The SPL should
be within ±10dB compared to the
initial measurements.
low temperature test
After being placed in a chamber at -30°C for 96 hours.
humidity test
After being placed in a chamber at +40°C and 90 ±5% RH for
96 hours.
temperature cycle test
The part will be subjected to 5 cycles. One cycle will consist of:
RELIABILITY TEST
item
test condition
evaluation standard
operating (life test)
1. Continuous life test:
The part will be subjected to 48 hours of continuous operation at
55°C with rated voltage applied.
2. Intermittent life test:
A duty cycle of 1 minute on, 1 minute off, a minimum of 5,000
times at room temp (+25 ±2°C) with rated voltage applied.
The buzzer will be measured after
being placed at +25°C for 4 hours.
The value of the oscillation frequency
/ current consumption should be
±10% compared to the initial
measurements. The SPL should
be within ±10dB compared to the
initial measurements.
TEST CONDITIONS
standard test conditions
a) Temperature: +5 ~ +35°C
b) Humidity: 45 ~ 85%
c) Pressure: 860 ~ 1060 mbar
judgement test conditions
a) Temperature: +25 ±2°C
b) Humidity: 60 ~ 70%
c) Pressure: 860 ~ 1060 mbar
For more information, please visit the product page.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com