Electronic Components Datasheet Search
  English  ▼

X  

CPE-1785 Datasheet(PDF) 1 Page - CUI INC

Part # CPE-1785
Description  PIEZO AUDIO TRANSDUCER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CPE-1785 Datasheet(HTML) 1 Page - CUI INC

  CPE-1785 Datasheet HTML 1Page - CUI INC CPE-1785 Datasheet HTML 2Page - CUI INC CPE-1785 Datasheet HTML 3Page - CUI INC CPE-1785 Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
date
page
PART NUMBER:
DESCRIPTION:
09/2010
1 of 4
PIEZO AUDIO TRANSDUCER
CPE-1785
20050 SW 112th Ave. Tualatin, Oregon 97062
phone 503.612.2300
fax 503.612.2383 www.cui.com
SPECIFICATIONS
parameter
conditions/description
min
nom
max
units
operating voltage
20
V p-p
current consumption
at 10 V p-p, square wave, 4.0 K Hz
8
mA
sound pressure level
at 10 cm / 10 V p-p, square wave, 4.0 K Hz
85
dB
electrstatic capacity
at 1 K Hz / 1 V
9,800
14,000
18,200
pF
operating temperature
-30
80
°C
storage temperature
-30
80
°C
dimenstions
ø17 x H7 mm
weight
1.25
g
material
noryl (black)
terminal
pin type (Sn plating)
RoHS
yes
0.8 0.031
(2 PLCS)
10.0 0.394
17.0 0.669
7.0
0.8
0.276
0.031
(2 PLCS)
4.6 0.181
(2 PLCS)
±0.5mm UNLESS OTHERWISE
SPECIFIED
TOLERANCE:
APPEARANCE DRAWING
For more information, please visit the product page.


Similar Part No. - CPE-1785

ManufacturerPart #DatasheetDescription
logo
CUI INC
CPE-1785 CUI-CPE-1785 Datasheet
534Kb / 4P
PIEZO BUZZER TRANSDUCER
04/09/2020
logo
CUI Devices
CPE-1785 CUID-CPE-1785 Datasheet
485Kb / 4P
PIEZO BUZZER TRANSDUCER
08/05/2022
logo
CUI INC
CPE-1785 CUI-CPE-1785_V01 Datasheet
534Kb / 4P
PIEZO BUZZER TRANSDUCER
04/09/2020
More results

Similar Description - CPE-1785

ManufacturerPart #DatasheetDescription
logo
CUI INC
CEP-1106 CUI-CEP-1106 Datasheet
398Kb / 5P
piezo audio transducer
CEP-1108 CUI-CEP-1108 Datasheet
1Mb / 5P
piezo audio transducer
CEP-1116 CUI-CEP-1116 Datasheet
361Kb / 5P
piezo audio transducer
CEP-1126 CUI-CEP-1126 Datasheet
360Kb / 5P
piezo audio transducer
CPE-121 CUI-CPE-121 Datasheet
278Kb / 5P
piezo audio transducer
CPE-267 CUI-CPE-267 Datasheet
278Kb / 5P
piezo audio transducer
CPE-503 CUI-CPE-503 Datasheet
341Kb / 5P
piezo audio transducer
CPE-827 CUI-CPE-827 Datasheet
225Kb / 5P
piezo audio transducer
CPE-4485 CUI-CPE-4485 Datasheet
242Kb / 4P
PIEZO AUDIO TRANSDUCER
CPE-2883 CUI-CPE-2883 Datasheet
244Kb / 5P
PIEZO AUDIO TRANSDUCER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com